Electronic Components Datasheet Search
  English  ▼

X  

8N60 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 8N60
Description  7.5 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

8N60 Datasheet(HTML) 2 Page - Unisonic Technologies

  8N60 Datasheet HTML 1Page - Unisonic Technologies 8N60 Datasheet HTML 2Page - Unisonic Technologies 8N60 Datasheet HTML 3Page - Unisonic Technologies 8N60 Datasheet HTML 4Page - Unisonic Technologies 8N60 Datasheet HTML 5Page - Unisonic Technologies 8N60 Datasheet HTML 6Page - Unisonic Technologies 8N60 Datasheet HTML 7Page - Unisonic Technologies 8N60 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
8N60
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 8
www.unisonic.com.tw
QW-R502-115,D
ABSOLUTE MAXIMUM RATINGS (TC = 25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
8N60-A
600
V
Drain-Source Voltage
8N60-B
VDSS
650
V
Gate-Source Voltage
VGSS
±30
V
Avalanche Current (Note 2)
IAR
7.5
A
Continuous
ID
7.5
A
Drain Current
Pulsed (Note 2)
IDM
30
A
Single Pulsed (Note 3)
EAS
230
mJ
Avalanche Energy
Repetitive (Note 2)
EAR
14.7
mJ
Peak Diode Recovery dv/dt (Note 4)
dv/dt
4.5
V/ns
TO-220/TO-262
147
W
Power Dissipation
TO-220F/TO-220F1
PD
48
W
Junction Temperature
TJ
+150
°C
Operating Temperature
TOPR
-55 ~ +150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Repetitive Rating : Pulse width limited by TJ
3. L = 7.3mH, IAS = 7.5A, VDD = 50V, RG = 25 Ω, Starting TJ = 25°C
4. ISD ≤7.5A, di/dt ≤200A/μs, VDD≤ BVDSS, Starting TJ = 25°C
THERMAL DATA
PARAMETER
SYMBOL
RATING
UNIT
TO-220/TO-262
62.5
°C/W
Junction to Ambient
TO-220F/TO-220F1
θJA
62.5
°C/W
TO-220/TO-262
0.85
°C/W
Junction to Case
TO-220F/TO-220F1
θJC
2.6
°C/W
ELECTRICAL CHARACTERISTICS (TC =25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
8N60-A
600
V
Drain-Source Breakdown Voltage
8N60-B
BVDSS
VGS = 0 V, ID = 250 μA
650
V
Drain-Source Leakage Current
IDSS
VDS = 600 V, VGS = 0 V
10
µA
Forward
VGS = 30 V, VDS = 0 V
100
nA
Gate-Source Leakage Current
Reverse
IGSS
VGS = -30 V, VDS = 0 V
-100
nA
Breakdown Voltage Temperature
Coefficient
BV
△
DSS/△TJ
ID = 250 μA, Referenced to 25°C
0.7
V/°C
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS = VGS, ID = 250 μA
2.0
4.0
V
Static Drain-Source On-State Resistance
RDS(ON)
VGS = 10 V, ID = 3.75 A
1.0
1.2
Ω
DYNAMIC CHARACTERISTICS
Input Capacitance
CISS
965 1255 pF
Output Capacitance
COSS
105 135
pF
Reverse Transfer Capacitance
CRSS
VDS = 25 V, VGS = 0 V, f = 1MHz
12
16
pF
SWITCHING CHARACTERISTICS
Turn-On Delay Time
tD(ON)
16.5
45
ns
Turn-On Rise Time
tR
60.5 130
ns
Turn-Off Delay Time
tD(OFF)
81
170
ns
Turn-Off Fall Time
tF
VDD = 300V, ID = 7.5 A, RG = 25Ω
(Note 1, 2)
64.5 140
ns
Total Gate Charge
QG
28
36
nC
Gate-Source Charge
QGS
4.5
nC
Gate-Drain Charge
QGD
VDS= 480V,ID= 7.5A, VGS= 10 V
(Note 1, 2)
12
nC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com