Electronic Components Datasheet Search
  English  ▼

X  

80N08 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 80N08
Description  N-CHANNEL 80V (D-S) MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

80N08 Datasheet(HTML) 1 Page - Unisonic Technologies

  80N08 Datasheet HTML 1Page - Unisonic Technologies 80N08 Datasheet HTML 2Page - Unisonic Technologies 80N08 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
80N08
Preliminary
Power MOSFET
www.unisonic.com.tw
1 of 3
Copyright © 2010 Unisonic Technologies Co., Ltd
QW-R502-468.a
N-CHANNEL 80V (D-S) MOSFET
DESCRIPTION
The UTC 80N08 is an N-channel MOSFET using UTC trench
technology. It can be used in applications, such as power supply
(secondary synchronous rectification), industrial and primary switch
etc.
FEATURES
* Trench FET Power MOSFETS Technology
* 100 % RG and UIS Tested
SYMBOL
G(1)
D (2)
S (3)
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
Packing
80N08L-TA3-R
80N08G-TA3-R
TO-220
G
D
S
Tube
Note: G: GND, D: Drain, S: Source


Similar Part No. - 80N08

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
80N08A ISC-80N08A Datasheet
279Kb / 2P
isc N-Channel MOSFET Transistor
logo
Unisonic Technologies
80N08G-T47-T UTC-80N08G-T47-T Datasheet
204Kb / 4P
N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
logo
VBsemi Electronics Co.,...
80N08G-TA3-R VBSEMI-80N08G-TA3-R Datasheet
999Kb / 8P
N-Channel 80 V (D-S) MOSFET
logo
Unisonic Technologies
80N08G-TA3-T UTC-80N08G-TA3-T Datasheet
204Kb / 4P
N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
80N08G-TQ2-R UTC-80N08G-TQ2-R Datasheet
204Kb / 4P
N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
More results

Similar Description - 80N08

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQAF70N08 FAIRCHILD-FQAF70N08 Datasheet
662Kb / 8P
80V N-Channel MOSFET
FQB24N08 FAIRCHILD-FQB24N08 Datasheet
719Kb / 9P
80V N-Channel MOSFET
FQD9N08 FAIRCHILD-FQD9N08 Datasheet
536Kb / 9P
80V N-Channel MOSFET
FQP24N08 FAIRCHILD-FQP24N08 Datasheet
711Kb / 8P
80V N-Channel MOSFET
FQP44N08 FAIRCHILD-FQP44N08 Datasheet
668Kb / 8P
80V N-Channel MOSFET
FQP70N08 FAIRCHILD-FQP70N08 Datasheet
667Kb / 8P
80V N-Channel MOSFET
FQPF17N08 FAIRCHILD-FQPF17N08 Datasheet
600Kb / 8P
80V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AOB284L AOSMD-AOB284L Datasheet
249Kb / 5P
80V N-Channel MOSFET
AOD2810 AOSMD-AOD2810 Datasheet
294Kb / 6P
80V N-Channel MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com