Electronic Components Datasheet Search
  English  ▼

X  

1616 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 1616
Description  6 TONES SIREN/ALARM SOUND GENERATOR WITH SOFT CHIRP
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

1616 Datasheet(HTML) 1 Page - Unisonic Technologies

  1616 Datasheet HTML 1Page - Unisonic Technologies 1616 Datasheet HTML 2Page - Unisonic Technologies 1616 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UTC1616
CMOSIC
UTC
UNISONIC TECHNOLOGIES CO., LTD.
1
QW-R502-019,A
6 TONES SIREN/ALARM
SOUND GENERATOR
WITH SOFT CHIRP
DESCRIPTION
The UTC 1616 is a CMOS design for 6 different alarm sounds
application. The sound of UTC 1616 will be generated in cycling
sequence. The soft chirp is only generated within 200ms of the
1st sound.
By the way, UTC 1616 is also partitioned for single tone
siren/alarm sound generator with soft chirp, 1616A. The types of
UTC 1616 Series are listed as following.
1616: 6 tones with 200ms soft chirp in the 1st sound.
1616A: Single tone with 200ms soft chirp on chip.
FEATURES
* Low operating voltage: 2V ~ 5V.
* On-chip RC oscillator.
* Low stand by current.
* CMOS process.
DIP-8
*Pb-free plating product number: 1616L
PIN CONFIGURATION
BZ1
GND
BZ2
SOFT
VDD
OSC2
OSC1
INI
4
3
2
18
7
6
5
UTC 1616
PIN DESCRIPTIONS
Pin No
Symbol
I/O
Function
1
OSC2
I
2
OSC1
O
Oscillator pin with external resistor.
3
INI
I
An internal pull-up resistor. Might disable BZ1, BZ2, when connected to GND.
4
GND
-
Power supply pin (-).
5
BZ1
O
6
BZ2
O
Audio output pins.
7
VDD
-
Power supply pin (+) .
8
SOFT
I
SOFT = VDD : 6 tones (1616)/single tone (1616A) with soft chirp.
SOFT = OPEN : 6 tones (1616)/single tone (1616A) without soft chirp.


Similar Part No. - 1616

ManufacturerPart #DatasheetDescription
logo
THOR communications
1616 THOR-1616 Datasheet
73Kb / 1P
Dead Blow Nylon Hammers
logo
List of Unclassifed Man...
1616 ETC2-1616 Datasheet
99Kb / 1P
TEST TIPS AND PLUGS
logo
Infinite Electronics In...
1616 L-COM-1616 Datasheet
48Kb / 1P
CON, N-MALE R/A CRIMP LMR600
5/4/10
logo
Abbatron All Rights Res...
1616 ABBATRON-1616 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
E-T-A Elektrotechnische...
1616-21-10A E-T-A-1616-21-10A Datasheet
248Kb / 4P
Thermal Automotive Circuit Breaker 1616-...
More results

Similar Description - 1616

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M3763A ETC-M3763A Datasheet
24Kb / 2P
HORN/SIREN WITH SOFT CHIRP 6 ALARM SOUNDS
M3766 ETC-M3766 Datasheet
33Kb / 2P
HORN/SIREN WITH SOFT CHIRP 6 ALARM SOUNDS
logo
Unisonic Technologies
1607 UTC-1607 Datasheet
43Kb / 3P
6 TONES SIREN/ALARM SOUND GENERATOR
1617 UTC-1617 Datasheet
34Kb / 3P
6 TONES SIREN/ALARM SOUND GENERATOR
1617 UTC-1617_12 Datasheet
169Kb / 4P
6 TONES SIREN/ALARM SOUND GENERATOR
1618 UTC-1618_12 Datasheet
162Kb / 5P
6 KEYS SIREN/ALARM SOUND GENERATOR
1607 UTC-1607_15 Datasheet
148Kb / 4P
6 TONES SIREN/ALARM SOUND GENERATOR
1617 UTC-1617_15 Datasheet
210Kb / 4P
6 TONES SIREN/ALARM SOUND GENERATOR
logo
MOSDESIGN SEMICONDUCTOR...
M3763A MOSDESIGN-M3763A Datasheet
144Kb / 2P
HORN/SIREN WITH SOFT CHIRP 6 ALARM SOUNDS
2010-07-09
M3765 MOSDESIGN-M3765 Datasheet
108Kb / 2P
HORN/SIREN WITH SOFT CHIRP 6 ALARM SOUNDS
2012-01-18
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com