Electronic Components Datasheet Search
  English  ▼

X  

82C47 Datasheet(PDF) 10 Page - Unisonic Technologies

Part # 82C47
Description  VOLTAGE DETECTORS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

82C47 Datasheet(HTML) 10 Page - Unisonic Technologies

Back Button 82C47 Datasheet HTML 6Page - Unisonic Technologies 82C47 Datasheet HTML 7Page - Unisonic Technologies 82C47 Datasheet HTML 8Page - Unisonic Technologies 82C47 Datasheet HTML 9Page - Unisonic Technologies 82C47 Datasheet HTML 10Page - Unisonic Technologies 82C47 Datasheet HTML 11Page - Unisonic Technologies 82C47 Datasheet HTML 12Page - Unisonic Technologies 82C47 Datasheet HTML 13Page - Unisonic Technologies 82C47 Datasheet HTML 14Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
82CXX
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
10 of 20
www.unisonic.com.tw
QW-R119-005,G
TYPICAL PERFORMANCE CHARACTERICS (Cont.)
0
4
82C45
2
6
8
0
10
15
5
10
Input Voltage, V IN (V)
VDS=2.1V
1.5V
1.0V
0.5V
0
4
82C36
26
8
0
10
15
5
10
Input Voltage, V IN (V)
VDS=2.1V
1.5V
1.0V
0.5V
(2) DETECT, RELEASE VOLTAGE vs. AMBIENT TEMPERATURE
-50
0
0.95
82C09
25
-25
50
75
0.80
1.00
0.90
100
Ambient Temperature, Ta (°С)
0.85
VDR
VDF
-50
0
1.05
25
-25
50
75
0.90
1.10
1.00
100
0.95
82C10
VDR
VDF
Ambient Temperature, Ta (°С)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com