Electronic Components Datasheet Search
  English  ▼

X  

82C48 Datasheet(PDF) 14 Page - Unisonic Technologies

Part # 82C48
Description  VOLTAGE DETECTORS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

82C48 Datasheet(HTML) 14 Page - Unisonic Technologies

Back Button 82C48 Datasheet HTML 10Page - Unisonic Technologies 82C48 Datasheet HTML 11Page - Unisonic Technologies 82C48 Datasheet HTML 12Page - Unisonic Technologies 82C48 Datasheet HTML 13Page - Unisonic Technologies 82C48 Datasheet HTML 14Page - Unisonic Technologies 82C48 Datasheet HTML 15Page - Unisonic Technologies 82C48 Datasheet HTML 16Page - Unisonic Technologies 82C48 Datasheet HTML 17Page - Unisonic Technologies 82C48 Datasheet HTML 18Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
82CXX
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
14 of 20
www.unisonic.com.tw
QW-R119-005,G
TYPICAL PERFORMANCE CHARACTERICS (Cont.)
02
2.5
82C45
4
6
0
3.0
3.5
2.0
1.5
8
Input Voltage, V IN (V)
0.5
1.0
25°С
Ta=85°С
-40°С
10
02
2.5
82C36
46
8
0
3.0
3.5
2.0
1.5
10
Input Voltage, V IN (V)
0.5
1.0
25°С
Ta=85°С
-40°С
02
2.5
82C34
46
8
0
3.0
3.5
2.0
1.5
10
Input Voltage, V IN (V)
0.5
1.0
25°С
Ta=85°С
-40°С
02
2.5
82C27
4
6
0
3.0
3.5
2.0
1.5
8
Input Voltage, V IN (V)
0.5
1.0
25°С
Ta=85°С
-40°С
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com