Electronic Components Datasheet Search
  English  ▼

X  

82C50 Datasheet(PDF) 5 Page - Unisonic Technologies

Part # 82C50
Description  VOLTAGE DETECTORS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

82C50 Datasheet(HTML) 5 Page - Unisonic Technologies

  82C50 Datasheet HTML 1Page - Unisonic Technologies 82C50 Datasheet HTML 2Page - Unisonic Technologies 82C50 Datasheet HTML 3Page - Unisonic Technologies 82C50 Datasheet HTML 4Page - Unisonic Technologies 82C50 Datasheet HTML 5Page - Unisonic Technologies 82C50 Datasheet HTML 6Page - Unisonic Technologies 82C50 Datasheet HTML 7Page - Unisonic Technologies 82C50 Datasheet HTML 8Page - Unisonic Technologies 82C50 Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
82CXX
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 20
www.unisonic.com.tw
QW-R119-005,G
ABSOLUTE MAXIMUM RATINGS (Ta=25°С, unless otherwise specified.)
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage
VIN
12
V
Output Current
IOUT
50
mA
Output Voltage
VOUT
Vss-0.3 ~ VIN+0.3
V
SOT-23/SOT-25
150
mW
Power Dissipation
TO-92
PD
300
mW
Operating Temperature
TOPR
-40 ~ +85
°С
Storage Temperature
TSTG
-40 ~ +150
°С
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (Ta=25°С, unless otherwise specified.)
PARAMETER
SYMBOL
CIRCUIT
TEST CONDITONS
MIN
TYP
MAX
UNIT
Detect Voltage (Note 2)
VDF
1
VDF
×0.98
VDF
VDF
×1.02
V
Hysteresis Range
VHYS
1
VDF
×0.02
VDF×0.
05
VDF
×0.08
V
VIN =1.5V
0.7
2.3
μA
VIN =2.0V
0.8
2.7
μA
VIN =3.0V
0.9
3.0
μA
VIN =4.0V
1.0
3.2
μA
Supply Current
ISS
2
VIN =5.0V
1.1
3.6
μA
VDF(T)=0.9V ~ 1.5V
0.7
6
V
Operating Voltage
VIN
1
VDF(T)=1.6V ~ 6.2V
0.7
10
V
VIN=0.7V
0.1
0.8
mA
3
N-ch, VDS=0.5V
VIN=1.0V 0.85
2.7
mA
Output Current (VDF≤1.5V)
IOUT
4
P-ch, VDS=2.1V, VIN=6.0V
-7.5
-1.5
mA
VIN=1.0V
1.0
2.2
mA
VIN=2.0V
3.0
7.7
mA
VIN=3.0V
5.0
10.1
mA
VIN=4.0V
6.0
11.5
mA
3
N-ch, VDS=0.5V
VIN=5.0V
7.0
13.0
mA
Output Current (VDF≥1.6V)
IOUT
4
P-ch, VDS=2.1V, VIN=8.0V
-10.0
-2
mA
Temperature Characteristics
DF
OPR
DF
V
×
T
Δ
V
Δ
-40°С≤TOPR≤85°С
±100
ppm/°С
Transient Delay Time
tDLY
5
0.2
ms
Note: 1. Detect voltage of ±1% tolerance is also available per customer’s request.
2. VDF(T) : Established Detect Voltage Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com