Electronic Components Datasheet Search
  English  ▼

X  

4051 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 4051
Description  8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

4051 Datasheet(HTML) 3 Page - Unisonic Technologies

  4051 Datasheet HTML 1Page - Unisonic Technologies 4051 Datasheet HTML 2Page - Unisonic Technologies 4051 Datasheet HTML 3Page - Unisonic Technologies 4051 Datasheet HTML 4Page - Unisonic Technologies 4051 Datasheet HTML 5Page - Unisonic Technologies 4051 Datasheet HTML 6Page - Unisonic Technologies 4051 Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
4051
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 7
www.unisonic.com.tw
QW-R502-054.B
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
DC Supply Voltage (Referenced to VEE, VSS≧VEE)
VDD
-0.5 ~ +18
V
Input or Output Voltage (DC or Transient)
(Referenced to VSS for Control Inputs and VEE for Switch I/O)
VIN, VOUT
-0.5 ~ VDD +0.5
V
Input Current (DC or Transient), Per Control Pin
IIN
±10
mA
Switch Through Current
ISW
±25
mA
500
mW
Power Dissipation
Derating above 65℃
PD
7
mW/℃
Junction Temperature
TJ
+125
℃
Operating Temperature
TOPR
-40 ~ +125
℃
Storage Temperature
TSTG
-40 ~ +150
℃
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (Ta=25℃, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY REQUIREMENTS (Voltages Referenced to VEE)
Power Supply Voltage Range
VDD
VDD – 3.0≧VSS≧VEE
3
18
V
VDD=5V
0.005
5
VDD=10V
0.010
10
Quiescent Current Per
Package
VDD=15V
IQ
Control Inputs: VIN = VSS or VDD
Switch I/O: VEE ≦VI/O ≦VDD,
and ∆Vsw≦500mV(Note 2)
0.015
20
µA
VDD=5V
(0.07 µA/kHz) f + IQ
VDD=10V
(0.20 µA/kHz) f + IQ
Total Supply Current
(Dynamic Plus Quiescent,
Per Package)
VDD=15V
ID(AV)
Ta=25℃ only (The channel
component, (VIN-VOUT)/RON, is
not included.)
(0.36 µA/kHz) f + IQ
µA
SWITCHES IN/OUT AND COMMONS OUT/IN -- X, Y, Z (Voltages Referenced to VEE)
Recommended Peak–to–Peak
Voltage Into or Out of the Switch
VI/O
Channel On or Off
0
VDD
VPP
Recommended Static or Dynamic
Voltage Across the Switch
∆Vsw
Channel On
0
600
mV
Output Offset Voltage
VO(OFF) VIN = 0V, No Load
10
µV
VDD=5V
250
1050
VDD=10V
120
500
ON Resistance
VDD=15V
RON
∆Vsw≦500mV
VIN = VIL or VIH (Control), and
VIN = 0 to VDD (Switch)
80
280
Ω
VDD=5V
25
70
VDD=10V
10
50
Δ
ON Resistance Between
Any Two Channels in the
Same Package
VDD=15V
∆RON
10
45
Ω
Off-Channel Leakage Current
IOFF
VIN = VIL or VIH (Control)
Channel to Channel or Any
One Channel, VDD=15V
±0.05
±100
nA
Capacitance, Switch I/O
CI/O
Inhibit = VDD
10
pF
Capacitance, Common O/I
CO/I
Inhibit = VDD
17
pF
Capacitance, Feedthrough
(Channel Off)
CI/O
Pins Not Adjacent
Pins Adjacent
0.15
0.47
pF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com