Electronic Components Datasheet Search
  English  ▼

X  

7106 Datasheet(PDF) 6 Page - Unisonic Technologies

Part # 7106
Description  3 쩍 DIGIT, LCD DISPLAY, A/D CONVERTERS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

7106 Datasheet(HTML) 6 Page - Unisonic Technologies

Back Button 7106 Datasheet HTML 2Page - Unisonic Technologies 7106 Datasheet HTML 3Page - Unisonic Technologies 7106 Datasheet HTML 4Page - Unisonic Technologies 7106 Datasheet HTML 5Page - Unisonic Technologies 7106 Datasheet HTML 6Page - Unisonic Technologies 7106 Datasheet HTML 7Page - Unisonic Technologies 7106 Datasheet HTML 8Page - Unisonic Technologies 7106 Datasheet HTML 9Page - Unisonic Technologies 7106 Datasheet HTML 10Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
7106
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 18
www.unisonic.com.tw
QW-R502-018.D
DESIGN INFORMATION SUMMARY SHEET
*OSCILLATOR FREQUENCY
fosc=0.45/RC
COSC>50pF, ROSC>50kΩ
fOSC (Typ)=48kHz
*OSCILLATOR PERIOD
tOSC=RC/0.45
*INTEGRATION CLOCK FREQUENCY
fCLOCK=fOSC/4
*INTEGRATION PERIOD
tINT=1000×(4/fOSC)
*60/50Hz REJECTION CRITERION
tINT/t60Hz or tINT/t50Hz=Integer
*OPTIMUM INTEGRATION CURRENT
IINT=4μA
*FULL SCALE ANALOG INPUT VOLTAGE
VINFS (Typ)=200mV or 2V
*INTEGRATE ESISTOR
RINT= VINFS/ IINT
*INTEGRATE CAPACITOR
CINT=(tINT)(IINT)/ VINT
*INTEGRATOR OUTPUT VOLTAGE SWING
VINT=(tINT)(IINT)/ CINT
*VINT MAXIMUM SWING
(V- + 0.5V)<VINT<(V+ - 0.5V), VINT (Typ)=2V
*DISPLAY COUNT
COUNT=1000×VIN/VREF
*CONVERSION CYCLE
tCYC=tCLOCK×4000
tCYC=tOSC×16,000
When fOSC=48kHz, tCYC=333ms
*COMMON MODE INPUT VOLTAGE
(V- + 1V)<VIN<(V+ - 0.5V)
*AUTO-ZERO CAPACITOR
0.01μF<CAZ<1μF
*REFERENCE CAPACITOR
0.1μF<CREF<1μF
*VCOM
Biased between Vi and V-
*VCOM V+
≒
- 2.8V
Regulation lost when V+ to V- < 6.8V
≒
If VCOM is externally pulled down to (V+ to V-)/2, the VCOM circuit will turn off.
*POWER SUPPLY: SINGLE 9V
V+ - V- =9V
VGND V+
≒
- 4.5V
Digital supply is generated by internal parts.
*DISPLAY: LCD
Type: Direct drive with digital logic supply amplitude.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com