Electronic Components Datasheet Search
  English  ▼

X  

9013 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 9013
Description  1W OUTPUT AMPLIFIER OF POTABLE RADIOS IN CLASS B PUSH-PULL OPERATION
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

9013 Datasheet(HTML) 1 Page - Unisonic Technologies

  9013 Datasheet HTML 1Page - Unisonic Technologies 9013 Datasheet HTML 2Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UTC 9013
NPN EPITAXIAL SILICON TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO., LTD. 1
QW-R201-030,A
1W OUTPUT AMPLIFIER OF
POTABLE RADIOS IN CLASS B
PUSH-PULL OPERATION
FEATURES
*High total power dissipation. (625mW)
*High collector current. (500mA)
*Excellent hFE linearity.
*Complementary to UTC 9012
TO-92
1
1: EMITTER 2: BASE 3: COLLECTOR
ABSOLUTE MAXIMUM RATINGS (Ta=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATING
UNIT
Collector-base voltage
VCBO
40
V
Collector-emitter voltage
VCEO
20
V
Emitter-base voltage
VEBO
5
V
Collector current
Ic
500
mA
Collector dissipation
Pc
625
mW
Junction Temperature
Tj
150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
ELECTRICAL CHARACTERISTICS (Ta=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
BVCBO
Ic=100
µA, IE=0
40
V
Collector-emitter breakdown voltage
BVCEO
Ic=1mA, IB=0
20
V
Emitter-base breakdown voltage
BVEBO
IE=100
µA, Ic=0
5
V
Collector cutoff current
ICBO
VCB=25V, IE=0
100
nA
Emitter cutoff current
IEBO
VEB=3V, IC=0
100
nA
DC current gain
hFE1
hFE2
VCE=1V,Ic=50mA
VCE=1V,Ic=500mA
64
40
120
120
300
Collector-emitter saturation voltage
VCE(sat)
Ic=500mA, IB=50mA
0.16
0.6
V
Base-emitter saturation voltage
VBE(sat)
Ic=500mA, IB=50mA
0.91
1.2
V
Base-emitter on voltage
VBE(on)
VCE=1V, Ic=10mA
0.6
0.67
0.7
V
CLASSIFICATION OF hFE1
RANK
D
E
F
G
H
I
RANGE
64-91
78-112
96-135
112-166
144-202
190-300


Similar Part No. - 9013

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
9013 WINGS-9013 Datasheet
75Kb / 1P
NPN SILICON TRANSISTOR
logo
Daya Electric Group Co....
9013 DAYA-9013 Datasheet
651Kb / 1P
TO-92 Plastic-Encapsulate Transistors
logo
Schurter Inc.
9013 SCHURTER-9013 Datasheet
464Kb / 4P
IEC Plug E, Cord Connector (Rewireable), Angled
logo
Unisonic Technologies
9013 UTC-9013 Datasheet
94Kb / 2P
1W OUTPUT AMPLIFIER OF POTABLE RADIOS IN CLASS B PUSH-PULL OPERATION
logo
Heyco.
9013 HEYCO-9013 Datasheet
184Kb / 1P
Heyco® Self-Closing Braided Sleeving
More results

Similar Description - 9013

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
SS9012 SAMSUNG-SS9012 Datasheet
219Kb / 6P
PNP (1W OUTPUT AMPLIFIER OF POTABLE RADIOS IN CLASS B PUSH-PULL OPERATION)
logo
Fairchild Semiconductor
SS9012 FAIRCHILD-SS9012 Datasheet
35Kb / 4P
1W Output Amplifier of Potable Radios in Class B Push-pull Operation.
SS9013 FAIRCHILD-SS9013 Datasheet
40Kb / 4P
1W Output Amplifier of Potable Radios in Class B Push-pull Operation.
logo
List of Unclassifed Man...
2SC9013 ETC-2SC9013 Datasheet
81Kb / 2P
1W OUTPUT AMPLIFIER OF POTABLE RADIOS IN CLASS B PUSH-PULL OPERATION
2SA9012 ETC-2SA9012 Datasheet
74Kb / 2P
1W OUTPUT AMPLIFIER OF POTABLE RADIOS IN CLASS B PUSH PULL OPERATION
logo
Unisonic Technologies
MMBT9013 UTC-MMBT9013 Datasheet
106Kb / 2P
1W OUTPUT AMPLIFIER OF POTABLE RADIOS IN CLASS B PUSH-PULL OPERATION
MMBT9012 UTC-MMBT9012 Datasheet
99Kb / 3P
1W OUTPUT AMPLIFIER OF POTABLE RADIOS IN CLASS B PUSH-PULL OPERATION
MMBT9013 UTC-MMBT9013_11 Datasheet
149Kb / 3P
1W OUTPUT AMPLIFIER OF POTABLE RADIOS IN CLASS B PUSH-PULL OPERATION
9013 UTC-9013_11 Datasheet
94Kb / 2P
1W OUTPUT AMPLIFIER OF POTABLE RADIOS IN CLASS B PUSH-PULL OPERATION
logo
Fairchild Semiconductor
SS9012GBU FAIRCHILD-SS9012GBU Datasheet
41Kb / 4P
1W Output Amplifier of Potable Radios in Class B Push-pull Operation.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com