Electronic Components Datasheet Search
  English  ▼

X  

9014 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 9014
Description  PRE-AMPLIFIER, LOW LEVEL & LOW NOISE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

9014 Datasheet(HTML) 1 Page - Unisonic Technologies

  9014_2 Datasheet HTML 1Page - Unisonic Technologies 9014_2 Datasheet HTML 2Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UTC 9014
NPN EPITAXIAL SILICON TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO., LTD. 1
QW-R201-031,A
PRE-AMPLIFIER, LOW LEVEL &
LOW NOISE
FEATURES
*High total power dissipation. (450mW)
*Excellent hFE linearity.
*Complementary to UTC 9015
TO-92
1
1: EMITTER 2: BASE 3: COLLECTOR
ABSOLUTE MAXIMUM RATINGS ( Ta=25°C ,unless otherwise specified )
PARAMETER
SYMBOL
RATING
UNIT
Collector-base voltage
VCBO
50
V
Collector-emitter voltage
VCEO
45
V
Emitter-base voltage
VEBO
5
V
Collector current
Ic
100
mA
Collector dissipation
Pc
450
mW
Junction Temperature
Tj
150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
ELECTRICAL CHARACTERISTICS (Ta=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
BVCBO
Ic=100
µA, IE=0
50
V
Collector-emitter breakdown voltage
BVCEO
Ic=1mA, IB=0
45
V
Emitter-base breakdown voltage
BVEBO
IE=100
µA, Ic=0
5
V
Collector cutoff current
ICBO
VCB=50V, IE=0
50
nA
Emitter cutoff current
IEBO
VEB=5V, IC=0
100
nA
DC current gain
hFE
VCE=5V,Ic=1mA
60
280
1000
Collector-emitter saturation voltage
VCE(sat)
Ic=100mA, IB=5mA
0.14
0.3
V
Base-emitter saturation voltage
VBE(sat)
Ic=100mA, IB=5mA
0.84
1.0
V
Base-emitter on voltage
VBE(on)
VCE=5V, Ic=2mA
0.58
0.63
0.7
V
Output Capacitance
Cob
VCB=10V, IE=0, f=1MHz
2.2
3.5
pF
Current gain-Bandwidth Porduct
fT
VCE=5V, Ic=10mA
150
270
MHz
Noise Figure
NF
VCE=5V, Ic=0.2mA
f=1KHz, Rs=2K
Ω
0.9
10
dB


Similar Part No. - 9014_2

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
901402 ALPHAWIRE-901402 Datasheet
99Kb / 4P
Customer Specification
3/15/2023
901412 ALPHAWIRE-901412 Datasheet
100Kb / 5P
Customer Specification
3/15/2023
901412CY ALPHAWIRE-901412CY Datasheet
100Kb / 5P
Customer Specification
3/15/2023
More results

Similar Description - 9014_2

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SS9014 FAIRCHILD-SS9014 Datasheet
38Kb / 4P
Pre-Amplifier, Low Level & Low Noise
logo
List of Unclassifed Man...
2SC9014 ETC-2SC9014 Datasheet
75Kb / 2P
PRE-AMPLIFIER, LOW LEVEL & LOW NOISE
logo
Unisonic Technologies
9015 UTC-9015 Datasheet
78Kb / 2P
PRE-AMPLIFIER, LOW LEVEL & LOW NOISE
MMBT9014 UTC-MMBT9014_11 Datasheet
130Kb / 3P
PRE-AMPLIFIER, LOW LEVEL & LOW NOISE
MMBT9015 UTC-MMBT9015_11 Datasheet
100Kb / 2P
PRE-AMPLIFIER, LOW LEVEL & LOW NOISE
9015_1106 UTC-9015_1106 Datasheet
74Kb / 2P
PRE-AMPLIFIER, LOW LEVEL & LOW NOISE
logo
SeCoS Halbleitertechnol...
S9014 SECOS-S9014_15 Datasheet
259Kb / 2P
Pre-Amplifier, Low Level & Low Noise
logo
Unisonic Technologies
9015 UTC-9015_15 Datasheet
103Kb / 3P
PRE-AMPLIFIER, LOW LEVEL & LOW NOISE
MMBT9015 UTC-MMBT9015_15 Datasheet
116Kb / 3P
PRE-AMPLIFIER, LOW LEVEL & LOW NOISE
logo
ARTSCHIP ELECTRONICS CO...
MMBT9014 ARTSCHIP-MMBT9014 Datasheet
965Kb / 4P
PRE-AMPLIFIER, LOW LEVEL, LOW NOISE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com