Electronic Components Datasheet Search
  English  ▼

X  

9015 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 9015
Description  PRE-AMPLIFIER, LOW LEVEL & LOW NOISE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

9015 Datasheet(HTML) 1 Page - Unisonic Technologies

  9015 Datasheet HTML 1Page - Unisonic Technologies 9015 Datasheet HTML 2Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UNISONIC TECHNOLOGIES CO., LTD
9015
Preliminary
PNP EPITAXIAL SILICON TRANSISTOR
www.unisonic.com.tw
1 of 2
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R201-032,Ba
PRE-AMPLIFIER, LOW LEVEL &
LOW NOISE
FEATURES
* High total power dissipation. (450mW)
* Excellent hFE linearity.
* Complementary to UTC 9014
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
9015L-x-T92-B
9015G-x-T92-B
TO-92
Tape Box
9015L-x-T92-K
9015G-x-T92-K
TO-92
Bulk
9015L-x-T92-T
9015G-x-T92-T
TO-92
Tape Reel


Similar Part No. - 9015

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9015 ETC1-9015 Datasheet
103Kb / 2P
QUAD NOR GATE
logo
Daya Electric Group Co....
9015 DAYA-9015 Datasheet
691Kb / 1P
TO-92 Plastic-Encapsulate Transistors
logo
Unisonic Technologies
9015 UTC-9015 Datasheet
74Kb / 2P
PRE-AMPLIFIER, LOW LEVEL & LOW NOISE
logo
Nanjing International G...
9015 DGNJDZ-9015 Datasheet
63Kb / 2P
The transistor is subdivided into four groups
logo
Fairchild Semiconductor
9015 FAIRCHILD-9015 Datasheet
71Kb / 7P
A180W, 100KHz Forward Converter Using QFET
More results

Similar Description - 9015

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SS9014 FAIRCHILD-SS9014 Datasheet
38Kb / 4P
Pre-Amplifier, Low Level & Low Noise
logo
List of Unclassifed Man...
2SC9014 ETC-2SC9014 Datasheet
75Kb / 2P
PRE-AMPLIFIER, LOW LEVEL & LOW NOISE
logo
Unisonic Technologies
9014 UTC-9014_2 Datasheet
107Kb / 2P
PRE-AMPLIFIER, LOW LEVEL & LOW NOISE
MMBT9014 UTC-MMBT9014_11 Datasheet
130Kb / 3P
PRE-AMPLIFIER, LOW LEVEL & LOW NOISE
MMBT9015 UTC-MMBT9015_11 Datasheet
100Kb / 2P
PRE-AMPLIFIER, LOW LEVEL & LOW NOISE
9015_1106 UTC-9015_1106 Datasheet
74Kb / 2P
PRE-AMPLIFIER, LOW LEVEL & LOW NOISE
logo
SeCoS Halbleitertechnol...
S9014 SECOS-S9014_15 Datasheet
259Kb / 2P
Pre-Amplifier, Low Level & Low Noise
logo
Unisonic Technologies
9015 UTC-9015_15 Datasheet
103Kb / 3P
PRE-AMPLIFIER, LOW LEVEL & LOW NOISE
MMBT9015 UTC-MMBT9015_15 Datasheet
116Kb / 3P
PRE-AMPLIFIER, LOW LEVEL & LOW NOISE
logo
ARTSCHIP ELECTRONICS CO...
MMBT9014 ARTSCHIP-MMBT9014 Datasheet
965Kb / 4P
PRE-AMPLIFIER, LOW LEVEL, LOW NOISE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com