Electronic Components Datasheet Search
  English  ▼

X  

31002A Datasheet(PDF) 5 Page - Unisonic Technologies

Part # 31002A
Description  TELEPHONE TONE RINGER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

31002A Datasheet(HTML) 5 Page - Unisonic Technologies

  31002A Datasheet HTML 1Page - Unisonic Technologies 31002A Datasheet HTML 2Page - Unisonic Technologies 31002A Datasheet HTML 3Page - Unisonic Technologies 31002A Datasheet HTML 4Page - Unisonic Technologies 31002A Datasheet HTML 5Page - Unisonic Technologies 31002A Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
31002A
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R108-005.C
APPLICATION NOTE
The application circuit illustrates the use of the UTC 31002A device in typical telephone tone ringer application.
The AC ringer signal voltage appears across the TIP and RING inputs of the circuit and is attenua-ted by capacitor
C1 and resistor R1.
C1 also provides isolation from DC voltage (48V) on the exchanged line.
After full wave rectification by the bridge diode, the wave form is filtered by capacitor C4 to provide a DC supply for
the tone ringer chip.
As this voltage exceeds the initiation voltage (Vsi), oscillation starts.
With the components shown, the output frequency chops between 512Hz (FH1) and 640 Hz (FH2) at a 10 Hz (FL)
rate.
The loudspeaker load is coupled through a 1300
Ω to 8Ω transformer.
The output coupling capacitor C5 is required with transformer coupled loads.
When driving a pizeo-ceramic transducer type load, the coupling C5 and transformer (1300
Ω:8Ω) are not required.
However, a current limiting resistor is required.
The low frequency oscillator oscillates at a rate (FL) controlled by an external resistor (R2) and capacitor (C2).
The frequency can be determined using the relation FL=1/1.289 R2* C2. The high frequency oscillates at a FH1,
FH2 controlled by an external resistor (R3) and capacitor (C3). The frequency can be determined using the relation
FH1=1/1.504 R3*C3 and FH2=1/1.203 R3*C3
Pin 2 of the UTC 31002A allows connection of external resistor RSL, which is used to program the slope of the
supply current vs. supply voltage characteristics (see Fig.3), and hence the supply current up to the initiation voltage
(Vsi). This initiation voltage remains constant independent of RSL.
The supply current drawn prior to triggering varies inversely with RSL, decreasing for increasing value of
resistance. Thus, increasing the value of RSL, will decrease the amount of AC ringing current required to trigger the
device. As such, longer sucribser loops are possible since less voltage is dropped per unit length of loop wire due to
the lower current level. RSL can also be used to compensated for smaller AC coupling capacitors (C5 on Fig.4)
(higher impedance) to the line which can be used to alter the ringer equivalence number of a tone ringer circuit.
The graph in Fig.3 illustrates the variation of supply current with supply voltage of the UTC 31002A.
Three curves are drawn to show the variation of initiation current with RSL. Curve B ( RSL=6.8K) shows the I-V
characteristic for UTC 31002A tone ringer. Curve A is a plot with RSL<6.8K
Ω and shows an increase in the current
drawn up to the initiation voltage Vsi. The I-V characteristic after initiation remains unchanged. Curve C illustrates
the effect of increasing RSL above 6.8K initiation current decreases but again current alter triggering is unchanged.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com