Electronic Components Datasheet Search
  English  ▼

X  

B772SS Datasheet(PDF) 1 Page - Unisonic Technologies

Part # B772SS
Description  MEDIUM POWER LOW VOLTAGE TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

B772SS Datasheet(HTML) 1 Page - Unisonic Technologies

  B772SS_09 Datasheet HTML 1Page - Unisonic Technologies B772SS_09 Datasheet HTML 2Page - Unisonic Technologies B772SS_09 Datasheet HTML 3Page - Unisonic Technologies B772SS_09 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
B772SS
PNP SILICON TRANSISTOR
www.unisonic.com.tw
1 of 4
Copyright © 2009 Unisonic Technologies Co., Ltd
QW-R206-089,E
MEDIUM POWER LOW
VOLTAGE TRANSISTOR
DESCRIPTION
The UTC B772SS is a medium power low voltage transistor,
designed for audio power amplifier, DC-DC converter and voltage
regulator.
FEATURES
* High current output up to 3A
* Low saturation voltage
* Complement to D882SS
Lead-free:
B772SSL
Halogen-free: B772SSG
ORDERING INFORMATION
Order Number
Pin Assignment
Normal
Lead Free
Halogen Free
Package
1
2
3
Packing
B772SS-x-AE3-R
B772SSL-x-AE3-R
B772SSG-x-AE3-R
SOT-23
E
B
C
Tape Reel
MARKING
B72
L: Lead Free
G: Halogen Free


Similar Part No. - B772SS_09

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
B772SS-E-AE3-R UTC-B772SS-E-AE3-R Datasheet
55Kb / 4P
MEDIUM POWER LOW VOLTAGE TRANSISTOR
B772SS-P-AE3-R UTC-B772SS-P-AE3-R Datasheet
55Kb / 4P
MEDIUM POWER LOW VOLTAGE TRANSISTOR
B772SS-Q-AE3-R UTC-B772SS-Q-AE3-R Datasheet
55Kb / 4P
MEDIUM POWER LOW VOLTAGE TRANSISTOR
B772SS-X-AE3-R UTC-B772SS-X-AE3-R Datasheet
55Kb / 4P
MEDIUM POWER LOW VOLTAGE TRANSISTOR
B772SSG-x-AE3-R UTC-B772SSG-x-AE3-R Datasheet
239Kb / 4P
MEDIUM POWER LOW VOLTAGE TRANSISTOR
More results

Similar Description - B772SS_09

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SD882S UTC-2SD882S Datasheet
75Kb / 4P
MEDIUM POWER LOW VOLTAGE TRANSISTOR
B772SS UTC-B772SS Datasheet
55Kb / 4P
MEDIUM POWER LOW VOLTAGE TRANSISTOR
2SB1188 UTC-2SB1188 Datasheet
54Kb / 4P
MEDIUM POWER LOW VOLTAGE TRANSISTOR
2SD882 UTC-2SD882_05 Datasheet
58Kb / 4P
MEDIUM POWER LOW VOLTAGE TRANSISTOR
2SB772L UTC-2SB772L Datasheet
78Kb / 3P
MEDIUM POWER LOW VOLTAGE TRANSISTOR
XL1225 UTC-XL1225 Datasheet
69Kb / 3P
MEDIUM POWER LOW VOLTAGE TRANSISTOR
2SB772 UTC-2SB772 Datasheet
203Kb / 4P
MEDIUM POWER LOW VOLTAGE TRANSISTOR
2SB772S UTC-2SB772S Datasheet
262Kb / 3P
MEDIUM POWER LOW VOLTAGE TRANSISTOR
2SB1182 UTC-2SB1182 Datasheet
166Kb / 4P
MEDIUM POWER LOW VOLTAGE TRANSISTOR
XL1225 UTC-XL1225_11 Datasheet
198Kb / 3P
MEDIUM POWER LOW VOLTAGE TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com