Electronic Components Datasheet Search
  English  ▼

X  

BU407 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # BU407
Description  NPN EXPITAXIAL PLANAR TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BU407 Datasheet(HTML) 2 Page - Unisonic Technologies

  BU407_09 Datasheet HTML 1Page - Unisonic Technologies BU407_09 Datasheet HTML 2Page - Unisonic Technologies BU407_09 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BU407
NPN EPITAXIAL SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R203-020.B
ABSOLUTE MAXIMUM RATINGS (Ta=25°С, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector Base Voltage
VCBO
330
V
Collector to Emitter Voltage
VCEO
150
V
Emitter to Base Voltage
VEBO
6
V
Collector Current
IC
7
A
Base Current
IB
4
A
Collector Dissipation (Ta =25°С)
PC
60
W
Junction Temperature
TJ
150
°С
Storage Temperature
TSTG
-55 ~ +150
°С
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Junction to Ambient
θJA
70
°С/W
Junction to Case
θJC
2.08
°С/W
ELECTRICAL CHARACTERISTICS (Ta=25°С, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Collector Emitter Sustaining Voltage
BVCEO
IC =100 mA, IB = 0
150
V
Collector-Emitter Saturation Voltage
VCE(SAT)
1
V
Base-Emitter On Voltage
VBE(SAT)
IC = 5 A, IB = 0.5 A
1.2
V
Collect Cutoff Current’
ICES
VCE =400 V
5
mA
Emitter Cutoff Current
IEBO
VBE = 6 V, IC = 0
1
mA
hFE1
IC = 500 mA, VCE = 5 V
25
hFE2
IC = 2 A, VCE = 5 V
35
200
DC Current Gain
hFE3
IC = 5 A, VCE = 5 V
10
Current Gain Bandwidth Product
fT
IC= 500 mA, VCE = 10 V, f =1 MHz
10
MHZ
CLASSIFICATION OF hFE2
RANK
B
C
D
RANGE
35-85
75-125
115-200



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com