Electronic Components Datasheet Search
  English  ▼

X  

BT169 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # BT169
Description  SCRS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BT169 Datasheet(HTML) 2 Page - Unisonic Technologies

  BT169 Datasheet HTML 1Page - Unisonic Technologies BT169 Datasheet HTML 2Page - Unisonic Technologies BT169 Datasheet HTML 3Page - Unisonic Technologies BT169 Datasheet HTML 4Page - Unisonic Technologies BT169 Datasheet HTML 5Page - Unisonic Technologies BT169 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BT169
SCR
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R301-015,C
QUICK REFERENCE DATA
BT169B BT169D BT169E BT169G BT169H
UNIT
PARAMETER
SYMBOL
MAX
MAX
MAX
MAX
MAX
MAX
Repetitive Peak Off-State Voltages
VDRM, VRRM
200
400
500
600
800
V
Average On-State Current
IT(AV)
0.5
0.5
0.5
0.5
0.5
A
RMS On-State Current
IT(RMS)
0.8
0.8
0.8
0.8
0.8
A
Non-Repetitive Peak On-State Current
ITSM
8
8
8
8
8
A
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
BT169B
200
BT169D
400
BT169E
500
BT169G
600
Repetitive Peak Off-State Voltages(Note 2)
BT169H
VDRM,VRRM
800
V
Peak Gate Voltage
VGM
5
V
Peak Reverse Gate Voltage
VRGM
5
V
Peak Gate Current
IGM
1
A
Average On-State Current
(Half Sine Wave, TLEAD 83
≦
°C)
IT(AV)
0.5
A
RMS On-State Current (All Conduction Angles)
IT(RMS)
0.8
A
t=10ms
8
A
Non-Repetitive Peak On-State Current
(Half Sine Wave, TJ=25°C Prior to Surge)
t=8.3ms
ITSM
9
A
I
2t For Fusing (t=10ms)
I
2t
0.32
A
2S
Repetitive Rate of Rise of On-State Current After
Triggering (ITM=2A,IG=10mA, dIG/dt=100mA/μs)
dIT/dt
50
A/
μs
Peak Gate Power
PGM
2
W
Average Gate Power (Over any 20 ms period)
PG(AV)
0.1
W
Junction Temperature
TJ
+125
°C
Storage Temperature
TSTG
-40 ~ +150
°C
Note:1.
2.
Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
1 Although not recommended, off-state voltages up to 800V may be applied without damage, but the
thyristor may switch to the on-state. The rate of rise of current should not exceed 15 A/μs.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Thermal Resistance Junction to Ambient (typ.)
θJA
150
°C /W
Note: pcb mounted, lead length=4mm
ELECTRICAL CHARACTERISTICS (TJ=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TSET CONDITIONS
MIN
TYP
MAX
UNIT
STATIC CHARACTERISTICS
Gate Trigger Current
IGT
VD=12V, IT=10 mA, gate open circuit
25
55
μA
Latching Current
IL
VD=12V, IGT=0.5mA, RGK=1kΩ
2
6
mA
Holding Current
IH
VD=12V,IGT=0.5mA, RGK=1kΩ
2
5
mA
On-State Voltage
VT
IT=1A
1.2
1.35
V
Gate Trigger Voltage
VGT
VD=12V, IT=10mA, gate open circuit
VD=VDRM(MAX), IT=10mA, TJ=125°C,
gate open circuit
0.2
0.5
0.3
0.8
V
Off-State Leakage Current
ID,IR
VD=VDRM(MAX), VR=VRRM(MA\X),
TJ=125°C, RGK=1kΩ
0.05
0.1
mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com