Electronic Components Datasheet Search
  English  ▼

X  

BU941 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # BU941
Description  NPN POWER DARLINGTON HIGH VOLTAGE IGNITION COIL DRIVER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BU941 Datasheet(HTML) 2 Page - Unisonic Technologies

  BU941 Datasheet HTML 1Page - Unisonic Technologies BU941 Datasheet HTML 2Page - Unisonic Technologies BU941 Datasheet HTML 3Page - Unisonic Technologies BU941 Datasheet HTML 4Page - Unisonic Technologies BU941 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BU941
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 5
www.unisonic.com.tw
QW-R203-025,B
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Emitter Voltage
VCES
500
V
Collector-Emitter Voltage
VCEO
400
V
Emitter-Base Voltage
VEBO
5
V
Collector Current
IC
15
A
Collector Peak Current
ICM
30
A
Base Current
IB
1
A
Base Peak Current
IBM
5
W
TO-3P
155
W
TO-220
150
W
Total Power Dissipation (Tc=25
°C)
TO-263
PD
65
W
Junction Temperature
TJ
+175
°C
Storage Temperature
TSTG
-65 ~ +175
°C
Note Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (Tc=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector-Emitter Sustaining
Voltage
VCEO(SUS)*
Ic=100mA, Vclamp=400V, L=10mH
(see Fig. 1)
400
V
Collector Cut-Off Current
ICES
VCE=500V, VBE=0
VCE=500V, VBE=0, TJ=125°C
100
0.5
µA
mA
Collector Cut-Off Current
ICEO
VCE=450V, IB=0
VCE=450V, IB=0, TJ=125°C
100
0.5
µA
mA
Emitter Cut-off Current
IEBO
VEB=5V, Ic=0
20
mA
Collector-Emitter Saturation
Voltage
VCE(SAT)*
IC=8A, IB=100mA
IC=10A, IB=250mA
IC=12A, IB=300mA
1.6
1.8
2
V
Base-Emitter Saturation Voltage
VBE(SAT)*
IC=8A, IB=100mA
IC=10A, IB=250mA
IC=12A, IB=300mA
2.2
2.5
2.7
V
DC Current Gain
hFE*
VCE=10V, Ic=5A
300
Diode Forward Voltage
VF
IF=10A
2.5
V
Functional Test
VCC=24V, Vclamp=400V, L=7mH
(see Functional Test Circuit)
10
A
Fall Time
tF
15
Storage Time
ts
VCC=12V, Vclamp=300V, VBE=0,
RBE=47Ω, L=7mH, Ic=7A, IB=70mA
(see Fig.2)
0.5
µs
*Pulsed: Pulse duration=300µs, duty cycle 1.5%



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com