Electronic Components Datasheet Search
  English  ▼

X  

FL-3640F Datasheet(PDF) 1 Page - Optoway Technology Inc

Part # FL-3640F
Description  8?밣in Ethernet Single-Mode Optical Transmitter / Receiver
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

FL-3640F Datasheet(HTML) 1 Page - Optoway Technology Inc

  FL-3640F Datasheet HTML 1Page - Optoway Technology Inc FL-3640F Datasheet HTML 2Page - Optoway Technology Inc FL-3640F Datasheet HTML 3Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Optoway
FL-3615 / PT-3600
****************************************************************************************************************************************************************
****************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC.
No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax:886-3-5979737
e-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
12/1/2007 V2.0
FL-3615 / PT-3600 SERIES
(RoHS Compliant)
8–Pin Ethernet Single-Mode Optical Transmitter / Receiver
****************************************************************************************************************************************************************
FEATURES
*
Distance up to 15 km at signal rates of 1 to 155 MBd
*
1310 nm wavelength emission
*
Single-mode fiber operation
*
Wave solder and aqueous wash process compatible
*
Panel mount ST connectors (FL-3615 / PT-3600)
*
Panel mount FC connectors (FL-3615F / PT-3600F)
*
Industrial standard 8-pin configuration
*
RoHS Compliant
APPLICATION
*
Single-mode extensions to Ethernet (10-Base-F) links
*
Single-mode connection
DESCRIPTION
FL-3615 / PT-3600 series is specified designed for the Ethernet single-mode transmitter / receiver
application.
FL-3615 / FL-3615F ELECTRICAL AND OPTICAL CHARACTERISTICS
(TC=25°C )
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Ith
Threshold Current
CW
---
12
20
mA
VOP
Operating Voltage
---
1.2
1.5
V
Pf
Fiber Coupled Power
-20
---
-10
dBm
λ
Peak Wavelength
1280
1310
1340
nm
∆λ
Spectrum Width
Iop=40mA, SM fiber
---
---
5
nm
PT-3600 ELECTRICAL AND OPTICAL CHARACTERISTICS
(TC=25 °C)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Sen
Sensitivity
-34
dBm
Pin, sat
Saturation
1 to 155 MBd, SM fiber
-3
0
---
dBm
Vcc
Supply Voltage
4.75
5
5.25
V
Icc
Supply Current
20
25
35
mA
Recommended Operating Conditions
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Topr
Operating Temperature
0
70
oC
Tstg
Storage Temperature
-40
85
oC


Similar Part No. - FL-3640F

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
FL-3640F OPTOWAY-FL-3640F Datasheet
54Kb / 2P
8-Pin Ethernet Single-Mode Optical Transmitter / Receiver
FL-3640F OPTOWAY-FL-3640F Datasheet
55Kb / 2P
8-Pin Ethernet Single-Mode Optical Transmitter / Receiver
FL-3640F OPTOWAY-FL-3640F Datasheet
68Kb / 3P
8?밣in Ethernet Single-Mode Optical Transmitter / Receiver
FL-3640F OPTOWAY-FL-3640F Datasheet
67Kb / 3P
8?밣in Ethernet Single-Mode Optical Transmitter / Receiver
FL-3640F OPTOWAY-FL-3640F Datasheet
68Kb / 3P
8?밣in Ethernet Single-Mode Optical Transmitter / Receiver
More results

Similar Description - FL-3640F

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
FL-3615 OPTOWAY-FL-3615 Datasheet
54Kb / 2P
8-Pin Ethernet Single-Mode Optical Transmitter / Receiver
FL-3620 OPTOWAY-FL-3620 Datasheet
55Kb / 2P
8-Pin Ethernet Single-Mode Optical Transmitter / Receiver
PT-3600G OPTOWAY-PT-3600G Datasheet
63Kb / 2P
8-Pin Ethernet Single-Mode Optical Transmitter / Receiver
SPM-9100V-1T1RG OPTOWAY-SPM-9100V-1T1RG Datasheet
148Kb / 6P
850 nm / 3 Gb/s Optical Multi-Mode Transmitter/Receiver
FL-3620 OPTOWAY-FL-3620_07 Datasheet
68Kb / 3P
8?밣in Ethernet Single-Mode Optical Transmitter / Receiver
FL-3640 OPTOWAY-FL-3640 Datasheet
67Kb / 3P
8?밣in Ethernet Single-Mode Optical Transmitter / Receiver
FL-5660 OPTOWAY-FL-5660 Datasheet
68Kb / 3P
8?밣in Ethernet Single-Mode Optical Transmitter / Receiver
FL-5680 OPTOWAY-FL-5680 Datasheet
68Kb / 3P
8?밣in Ethernet Single-Mode Optical Transmitter / Receiver
SPM-9100V-1T1RG_2015 OPTOWAY-SPM-9100V-1T1RG_2015 Datasheet
140Kb / 6P
3 Gb/s Optical Multi-Mode Transmitter/Receiver
SPM-9100V-1T1RG OPTOWAY-SPM-9100V-1T1RG_15 Datasheet
140Kb / 6P
3 Gb/s Optical Multi-Mode Transmitter/Receiver
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com