Electronic Components Datasheet Search
  English  ▼

X  

D4203D Datasheet(PDF) 2 Page - Unisonic Technologies

Part # D4203D
Description  HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

D4203D Datasheet(HTML) 2 Page - Unisonic Technologies

  D4203D Datasheet HTML 1Page - Unisonic Technologies D4203D Datasheet HTML 2Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
D4203D
Preliminary
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 2
www.unisonic.com.tw
QW-R204-026.a
ABSOLUTE MAXIMUM RATINGS (TC=25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector- Base Voltage
VCBO
700
V
Collector-Emitter Voltage (IB=0)
VCEO
400
V
Emitter-Base Voltage
VEBO
9
V
Collector Current (DC)
IC
2.0
A
Collector Current (pulse)
ICP
4.0
A
Total Power Dissipation
PC
20
W
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Pulse Test: Pulse Width = 5.0ms, Duty Cycle < 10%.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Case
θJC
6.25
°C/W
ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Collector-Emitter Sustaining Voltage
VCEO(SUS) IC=10mA, IB=0
400
V
Collector -Base Breakdown Voltage
BVCBO
IC=1mA, IE=0
700
V
Emitter-Base Breakdown Voltage
BVEBO
IE =1mA, IC=0
9
V
Collect - Base Cut-off Current
ICBO
VCB=680V, IE=0
100
μA
Collect - Emitter Cut-off Current
ICEO
VCE=400V,IB=0
50
μA
Emitter - Base Cut-off Current
IEBO
VEB=7V, IC=0
10
μA
hFE1
VCE =5V, IC=5mA
6
40
DC Current Gain
hFE2
VCE =10V, IC=200 mA
8
40
VCE(SAT)1
IC=0.5A, IB=0.1A
0.5
V
Collector-Emitter Saturation Voltage
VCE(SAT)2
IC=1.5A, IB=0.5A
2
V
Base-Emitter Saturation Voltage
VBE(SAT)
IC=1A, IB=0.25A
1.8
V
Fall Time
tF
0.7
μs
Resistive Load
Storage Time
tS
VCC=24 V, IC=2A, IB1=-IB2=0.4A
4
μs
Current Gain Bandwidth Product
fT
VCE=10V, IC=0.5A
4
MHZ
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com