Electronic Components Datasheet Search
  English  ▼

X  

KA8602 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # KA8602
Description  LOW VOLTAGE AUDIO POWER AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

KA8602 Datasheet(HTML) 1 Page - Unisonic Technologies

  KA8602 Datasheet HTML 1Page - Unisonic Technologies KA8602 Datasheet HTML 2Page - Unisonic Technologies KA8602 Datasheet HTML 3Page - Unisonic Technologies KA8602 Datasheet HTML 4Page - Unisonic Technologies KA8602 Datasheet HTML 5Page - Unisonic Technologies KA8602 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
KA8602
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 6
Copyright © 2010 Unisonic Technologies Co., Ltd
QW-R107-043.Ca
LOW VOLTAGE AUDIO POWER
AMPLIFIER
DESCRIPTION
The UTC KA8602 is the audio power amplifier available for low
voltage. The UTC KA8602 supplies differential outputs for
maximizing output swing at low voltages. The UTC KA8602 does
not need coupling capacitors to the speaker. The gain of this
amplifier is controlled easily by two external resistors.
FEATURES
*Wide operating supply voltage: Vcc=2V~16V
*Low quiescent supply current( Icc=2.7mA, typ)
*Medium output power (POUT=250mW at Vcc=6V,
RL=32ohm, THD=10%
*Load impedance range: 8~100ohm
*Mute function (Icc=65
μA, typ)
*Minimum number of external parts required.
*Low distortion
DIP-8
SOP-8
ORDERING INFORMATION
Ordering Number
Normal
Lead Free
Halogen Free
Package
Packing
KA8602-D08-T
KA8602L-D08-T
KA8602G-D08-T
DIP-8
Tube
KA8602-S08-R
KA8602L-S08-R
KA8602G-S08-R
SOP-8
Tape Reel


Similar Part No. - KA8602

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA8602 SAMSUNG-KA8602 Datasheet
70Kb / 5P
LOW VOLTAGE AUDIO AMPLIFIER
logo
Unisonic Technologies
KA8602 UTC-KA8602 Datasheet
139Kb / 6P
LOW VOLTAGE AUDIO POWER AMPLIFIER
logo
List of Unclassifed Man...
KA8602 ETC1-KA8602 Datasheet
172Kb / 4P
Linear Intergrated Circuit
logo
Samsung semiconductor
KA8602B SAMSUNG-KA8602B Datasheet
70Kb / 5P
LOW VOLTAGE AUDIO AMPLIFIER
KA8602BD SAMSUNG-KA8602BD Datasheet
70Kb / 5P
LOW VOLTAGE AUDIO AMPLIFIER
More results

Similar Description - KA8602

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2113 NJRC-NJM2113 Datasheet
156Kb / 4P
LOW VOLTAGE AUDIO POWER AMPLIFIER
NJM2135 NJRC-NJM2135 Datasheet
183Kb / 5P
LOW VOLTAGE AUDIO POWER AMPLIFIER
logo
Allegro MicroSystems
3718 ALLEGRO-3718 Datasheet
88Kb / 6P
LOW-VOLTAGE AUDIO POWER AMPLIFIER
logo
List of Unclassifed Man...
AZ386 ETC-AZ386 Datasheet
240Kb / 10P
LOW VOLTAGE AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
LM386 UTC-LM386_05 Datasheet
182Kb / 7P
LOW VOLTAGE AUDIO POWER AMPLIFIER
logo
BCD Semiconductor Manuf...
AZ386 BCDSEMI-AZ386 Datasheet
164Kb / 11P
LOW VOLTAGE AUDIO POWER AMPLIFIER
logo
Linear Dimensions Semic...
LND386 LINEAR_DIMENSIONS-LND386 Datasheet
137Kb / 3P
LOW VOLTAGE AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
LM386 UTC-LM386_11 Datasheet
249Kb / 8P
LOW VOLTAGE AUDIO POWER AMPLIFIER
logo
Tiger Electronic Co.,Lt...
LM386D TGS-LM386D Datasheet
1Mb / 6P
Low Voltage Audio Power Amplifier
logo
Unisonic Technologies
LM386 UTC-LM386_15 Datasheet
319Kb / 7P
LOW VOLTAGE AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com