Electronic Components Datasheet Search
  English  ▼

X  

L1136 Datasheet(PDF) 5 Page - Unisonic Technologies

Part # L1136
Description  HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L1136 Datasheet(HTML) 5 Page - Unisonic Technologies

  L1136 Datasheet HTML 1Page - Unisonic Technologies L1136 Datasheet HTML 2Page - Unisonic Technologies L1136 Datasheet HTML 3Page - Unisonic Technologies L1136 Datasheet HTML 4Page - Unisonic Technologies L1136 Datasheet HTML 5Page - Unisonic Technologies L1136 Datasheet HTML 6Page - Unisonic Technologies L1136 Datasheet HTML 7Page - Unisonic Technologies L1136 Datasheet HTML 8Page - Unisonic Technologies L1136 Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
L1136
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 9
www.unisonic.com.tw
QW-R502-464.A
ELECTRICAL CHARACTERISTICS (Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
TEST
CIRCUIT
1.0V≤VOUT(S)≤3.6V
0.05
0.2
%/V
1
VOUT(S)+0.5V≤VIN≤
5.5V,IOUT=100mA 3.6V≤VOUT(S)≤4.8V
2.5
10
mV
1
Line Regulation
OUT
IN
OUT
V
V
V
⋅
Δ
Δ
1
5.3V≤VIN≤5.5V,
IOUT=100mA
4.8V≤VOUT(S)≤5.0V
2.5
10
mV
1
VIN=VOUT(S)+1.0V,
1mA≤IOUT≤200mA
1.0V≤VOUT(S)≤4.5V
15
30
mV
1
Load Regulation
ΔVOUT2
VIN=5.5V,
1mA≤IOUT≤200mA
4.5V≤VOUT(S)≤5.0V
15
30
mV
1
VIN=VOUT(S)+1.0V, ON/OFF pin=ON,
no load, 1.0V≤VOUT(S)<1.8V
90
110
μA
2
VIN=VOUT(S)+1.0V, ON/OFF pin=ON,
no load, 1.8V≤VOUT(S)<4.5V
70
90
μA
2
Current Consumption
During Operation
ISS1
VIN=5.5V, ON/OFF pin=ON,
no load, 4.5V≤VOUT(S)<5.0V
70
90
μA
2
VIN=VOUT(S)+1.0V,
ON/OFF pin= OFF,
no load
1.0V≤VOUT(S)≤4.5V
0.1
1.0
μA
2
Current Consumption
During Shutdown
ISS2
VIN=5.5V,
ON/OFF pin= OFF,
no load
4.5V≤VOUT(S)≤5.0V
0.1
1.0
μA
2
Input Voltage
VIN
1.5
5.5
V
VIN=VOUT(S)+1.0V,
RL=1.0kΩ,
Determined by VOUT
output level
1.0V≤VOUT(S)≤4.5V
1.5
V
4
Shutdown Pin Input
Voltage “H”
VSH
VIN=5.5V,
RL=1.0 kΩ,
determined by VOUT
output level
4.5V≤VOUT(S)≤5.0V
1.5
V
4
VIN=VOUT(S)+1.0V,
RL=1.0kΩ,
Determined by VOUT
output level
1.0V≤VOUT(S)≤4.5V
0.3
V
4
Shutdown Pin Input
Voltage “L”
VSL
VIN=5.5V,RL=1.0kΩ,
determined by VOUT
output level
4.5V≤VOUT(S)≤5.0V
0.3
V
4
Shutdown Pin Input
Current “H”
ISH
VIN=5.5V, VON/OFF=5.5V
-0.1
0.1
μA
4
Shutdown Pin Input
Current “L”
ISL
VIN=5.5V, VON/OFF=0V
-0.1
0.1
μA
4
1.0V≤VOUT(S)≤1.2V
70
dB
5
1.2V≤VOUT(S)≤3.0V
65
dB
5
VIN=VOUT(S)+1.0V,
f=1kHz,
ΔVRIP=0.5Vrms,
IOUT=100mA
3.0V≤VOUT(S)≤4.5V
60
dB
5
Ripple Rejection
|RR|
VIN=5.5V,f=1kHz,
ΔVRIP=0.5Vrms,
IOUT=100mA
4.5V≤VOUT(S)≤5.0V
60
dB
5
VIN=VOUT(S)+1.0V,
ON/OFF pin=ON,
VOUT=0V
1.0V≤VOUT(S)≤4.5V
200
mA
3
Short-Circuit Current
ISHORT
VIN=5.5V,
ON/OFF pin=ON,
VOUT=0V
4.5V≤VOUT(S)≤5.0V
200
mA
3
Thermal Shutdown
Detection Temperature
TSD
Junction temperature
150
°C
Thermal Shutdown
Release Temperature
TSR
Junction temperature
120
°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com