Electronic Components Datasheet Search
  English  ▼

X  

L1913 Datasheet(PDF) 5 Page - Unisonic Technologies

Part # L1913
Description  150mA LOW-DROPOUT LINEAR REGULATORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L1913 Datasheet(HTML) 5 Page - Unisonic Technologies

  L1913 Datasheet HTML 1Page - Unisonic Technologies L1913 Datasheet HTML 2Page - Unisonic Technologies L1913 Datasheet HTML 3Page - Unisonic Technologies L1913 Datasheet HTML 4Page - Unisonic Technologies L1913 Datasheet HTML 5Page - Unisonic Technologies L1913 Datasheet HTML 6Page - Unisonic Technologies L1913 Datasheet HTML 7Page - Unisonic Technologies L1913 Datasheet HTML 8Page - Unisonic Technologies L1913 Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
L1913
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 9
www.unisonic.com.tw
QW-R502-439.a
ELECTRICAL CHARACTERISTICS (Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX
UNIT
THERMAL PROTECTION
Thermal Shutdown Temperature
TSHDN
150
°C
Thermal Shutdown Hysteresis
ΔTSHDN
15
°C
Notes: 1.Limits is 100% production tested at TA= +25°C. Low duty pulse techniques are used during test to maintain
junction temperature as close to ambient as possible.
2.Guaranteed by line regulation test.
3.Adjustable mode only.
4.Not tested. For design purposes, the current limit should be considered 150mA minimum to 420mA
maximum.
5.The dropout voltage is defined as (VIN-VOUT) when VOUT is 100mV below the value of VOUT for VIN = VOUT
+2V.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com