Electronic Components Datasheet Search
  English  ▼

X  

L5100 Datasheet(PDF) 6 Page - Unisonic Technologies

Part # L5100
Description  WHITE LED STEP-UP CONVERTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L5100 Datasheet(HTML) 6 Page - Unisonic Technologies

  L5100 Datasheet HTML 1Page - Unisonic Technologies L5100 Datasheet HTML 2Page - Unisonic Technologies L5100 Datasheet HTML 3Page - Unisonic Technologies L5100 Datasheet HTML 4Page - Unisonic Technologies L5100 Datasheet HTML 5Page - Unisonic Technologies L5100 Datasheet HTML 6Page - Unisonic Technologies L5100 Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
L5100
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 7
www.unisonic.com.tw
QW-R103-024.C
TYPICAL APPLICATION CIRCUITS (Cont.)
LOAD CURRENT (mA)
5
0
70
1
5
65
80
85
Seven LED Efficiency
75
1
0
VIN
SW
SHDN
FB
GND
R1
4
Ω
COUT
0. 22µF
CIN
1µF
V IN
5V
D
5k
90k
VDC
DIMMING
5 V to Seven White LEDs
L=22μH



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com