Electronic Components Datasheet Search
  English  ▼

X  

L5201-AD-SM1-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # L5201-AD-SM1-R
Description  LOW NOISE, REGULATED CHARGE PUMP DC/DC CONVERTERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L5201-AD-SM1-R Datasheet(HTML) 5 Page - Unisonic Technologies

  L5201-AD-SM1-R Datasheet HTML 1Page - Unisonic Technologies L5201-AD-SM1-R Datasheet HTML 2Page - Unisonic Technologies L5201-AD-SM1-R Datasheet HTML 3Page - Unisonic Technologies L5201-AD-SM1-R Datasheet HTML 4Page - Unisonic Technologies L5201-AD-SM1-R Datasheet HTML 5Page - Unisonic Technologies L5201-AD-SM1-R Datasheet HTML 6Page - Unisonic Technologies L5201-AD-SM1-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
L5201
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 7
www.unisonic.com.tw
QW-R502-107,A
TYPICAL APPLICATION CIRCUIT
SHDN
VOUT
VIN
GND
C+
C
_
VIN
VOUT = 5V
+
_ 2%
1
2
3
5
ON
OFF
2.7V ~
IOUT UP~ 40 mA
,
V IN ≥ 2.7V
IOUT UP ~ 90 mA
,
VIN ≥ 3.0V
6
4
VOUT
CIN, COUT: TAIYO YUDEN, JMK212BJ106KG
CFLY: TAIYO YUDEN, EMK212JB105KG
10µF
10µF
10µF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com