Electronic Components Datasheet Search
  English  ▼

X  

L1119 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # L1119
Description  1.5A LOW DROPOUT REGULATORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L1119 Datasheet(HTML) 1 Page - Unisonic Technologies

  L1119 Datasheet HTML 1Page - Unisonic Technologies L1119 Datasheet HTML 2Page - Unisonic Technologies L1119 Datasheet HTML 3Page - Unisonic Technologies L1119 Datasheet HTML 4Page - Unisonic Technologies L1119 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
L1119
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2010 Unisonic Technologies Co., Ltd
QW-R502-051,Ca
1.5A LOW DROPOUT
REGULATORS
DESCRIPTION
The UTC L1119 is a fast ultra low-dropout linear regulator that
developed in CMOS process which allows low quiescent current
operation independent of output load current. This CMOS process
also allows the device to operate under extremely low dropout
conditions.
The UTC L1119 allows to operate from a 2.5V~7.0V input supply.
Wide range of preset output voltage options are available and
respond very fast to step changes in load which makes them suitable
for low voltage microprocessor applications.
FEATURES
* Low Ground Current
* Load Regulation of 0.04%
* Output Current of 1.5A DC is Guaranteed
* Accurate Output Voltage.(± 1.5%)
* Extremely Low Output Capacitor Requirements
* Over Temperature/ Over Current Protection
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
Packing
L1119L-xx-AA3-A-R
L1119G-xx-AA3-A-R
SOT-223
G
O
I
Tape Reel
L1119L-xx-AA3-C-R
L1119G-xx-AA3-C-R
SOT-223
G
I
O
Tape Reel
L1119L-xx-AB3-A-R
L1119G-xx-AB3-A-R
SOT-89
G
O
I
Tape Reel
L1119L-xx-AB3-B-R
L1119G-xx-AB3-B-R
SOT-89
O
G
I
Tape Reel
L1119L-xx-AB3-C-R
L1119G-xx-AB3-C-R
SOT-89
G
I
O
Tape Reel
L1119L-xx-AB3-D-R
L1119G-xx-AB3-D-R
SOT-89
I
G
O
Tape Reel
L1119L-xx-TN3-D-R
L1119G-xx-TN3-D-R
TO-252
I
G
O
Tape Reel
L1119L-xx-TN3-D-T
L1119G-xx-TN3-D-T
TO-252
I
G
O
Tube
L1119L-xx-TQ2-D-R
L1119G-xx-TQ2-D-R
TO-263
I
G
O
Tape Reel
L1119L-xx-TQ2-D-T
L1119G-xx-TQ2-D-T
TO-263
I
G
O
Tube
Note: Pin assignment: I: VIN O: VOUT G:GND


Similar Part No. - L1119

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L1119 UTC-L1119 Datasheet
165Kb / 7P
1.5A LOW DROPOUT REGULATORS
L1119 UTC-L1119 Datasheet
168Kb / 4P
1.5A LOW DROPOUT REGULATORS
L1119-12-AA3-G-R UTC-L1119-12-AA3-G-R Datasheet
165Kb / 7P
1.5A LOW DROPOUT REGULATORS
L1119-12-AA3-G-T UTC-L1119-12-AA3-G-T Datasheet
165Kb / 7P
1.5A LOW DROPOUT REGULATORS
L1119-12-AA3-I-R UTC-L1119-12-AA3-I-R Datasheet
165Kb / 7P
1.5A LOW DROPOUT REGULATORS
More results

Similar Description - L1119

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1086 NSC-LM1086 Datasheet
822Kb / 15P
1.5A Low Dropout Positive Regulators
logo
Advanced Monolithic Sys...
AMS1501 ADMOS-AMS1501 Datasheet
76Kb / 9P
1.5A LOW DROPOUT VOLTAGE REGULATORS
logo
Unisonic Technologies
L1119 UTC-L1119 Datasheet
165Kb / 7P
1.5A LOW DROPOUT REGULATORS
logo
Advanced Monolithic Sys...
AMS1501 ADMOS-AMS1501_05 Datasheet
76Kb / 9P
1.5A LOW DROPOUT VOLTAGE REGULATORS
logo
Microsemi Corporation
LX8386X-XX MICROSEMI-LX8386X-XX Datasheet
283Kb / 11P
1.5A Low Dropout Positive Regulators
logo
Linear Technology
RH1086K LINER-RH1086K Datasheet
62Kb / 2P
1.5A/0.5A Low Dropout Positive Regulators
logo
Gamma Microelectronics ...
GM66150 GAMMA-GM66150_1 Datasheet
215Kb / 19P
1.5A ULTRA LOW DROPOUT VOLTAGE REGULATORS
logo
Unisonic Technologies
L1119 UTC-L1119_12 Datasheet
168Kb / 4P
1.5A LOW DROPOUT REGULATORS
logo
Texas Instruments
LM1086IS-33 TI1-LM1086IS-33 Datasheet
2Mb / 24P
LM1086 1.5A Low Dropout Positive Regulators
logo
Linear Technology
RH1086K LINER-RH1086K_15 Datasheet
68Kb / 2P
1.5A/0.5A Low Dropout Positive Regulators
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com