Electronic Components Datasheet Search
  English  ▼

X  

L8312 Datasheet(PDF) 6 Page - Unisonic Technologies

Part # L8312
Description  DUAL POLARIZATION AND TONE SWITCH CONTROLLER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L8312 Datasheet(HTML) 6 Page - Unisonic Technologies

  L8312 Datasheet HTML 1Page - Unisonic Technologies L8312 Datasheet HTML 2Page - Unisonic Technologies L8312 Datasheet HTML 3Page - Unisonic Technologies L8312 Datasheet HTML 4Page - Unisonic Technologies L8312 Datasheet HTML 5Page - Unisonic Technologies L8312 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
L8312
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 6
www.unisonic.com.tw
QW-R123-016.a
FUNCTIONAL INFORMATION
The UTC L8312 is specially designed integrated circuit for control satellite receiver front-end block switch, it
contains all the circuits necessary to detect the DC voltage and 22KHz signal on the supply input to the LNB switch.
The tone switch circuit incorporates an operational amplifier used as active filter, a rectifier /a comparator and an
output driver. Built-in feedback resistor included in operational amplifier, external component counts are thus
minimized. Therefore, low pass filter response can be achieved with a simple external RC.
The gain of operational amplifier must be adjusted with different supply voltage due to the threshold of
comparator is supply dependent. To optimize the system performance, the external RC values must be adjusted.
The resistor also provides maximum input voltage protection for the POL1, 2 pins. The low pass filter of tone
detection circuit allows the UTC L8312 to reliably detect tone signal. Each channel decodes tone polarization signals
to activate one of four outputs. Each of those outputs has the capability of sinking 5mA and sourcing 5mA, providing
the capability of driving directly signal routing pin diodes.
In addition, the channel outputs would activate when pins voltage of CENB1, 2 set high, which means, CENB1, 2
pins input signal have priority over tone polarization signals to control channel outputs.
Table 1 shows the logical output truth table.
Table1
CENB1
Tone
VPOL
S1A
S1B
S1C
S1D
≤0.7V
Low
Low
Low
Low
≥1.2V
<9.5V
Low
Low
Low
Low
≥1.2V
Off
≤14V
High
Low
Low
Low
≥1.2V
Off
≥15.5V
Low
High
Low
Low
≥1.2V
On
≤14V
Low
Low
High
Low
≥1.2V
On
≥15.5V
Low
Low
Low
High
CENB2
Tone
VPOL
S2A
S2B
S2C
S2D
≤0.7V
Low
Low
Low
Low
≥1.2V
<9.5V
Low
Low
Low
Low
≥1.2V
Off
≤14V
High
Low
Low
Low
≥1.2V
Off
≥15.5V
Low
High
Low
Low
≥1.2V
On
≤14V
Low
Low
High
Low
≥1.2V
On
≥15.5V
Low
Low
Low
High
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com