Electronic Components Datasheet Search
  English  ▼

X  

LBL05AF-25 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # LBL05AF-25
Description  LED LAMP
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LBL05AF-25 Datasheet(HTML) 2 Page - Unisonic Technologies

  LBL05AF-25 Datasheet HTML 1Page - Unisonic Technologies LBL05AF-25 Datasheet HTML 2Page - Unisonic Technologies LBL05AF-25 Datasheet HTML 3Page - Unisonic Technologies LBL05AF-25 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LBL05AF-25
LIGHT EMITTING DIODE
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R125-006.A
ABSOLUTE MAXIMUM RATINGS (Ta=25 )
℃
PARAMETER
SYMBOL
RATINGS
UNIT
Forward Current
IF
20
mA
Peak Forward Current
Ifp
80
mA
Power Dissipation
PD
100
mW
Reverse Voltage
Vr
5
V
Lead Soldering Temperature
Tsol
MAX 260℃ for 3sec max (3mm from the base of the epoxy bulb)
Electrostatic Discharge Classification
ESD
CLASS1
Operating Temperature
TOPR
-40 ~ +85
℃
Storage Temperature
TSTG
-40 ~ +100
℃
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL OPTICAL CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Dominant Wavelength
λd
IF=20mA
465
470
nm
Luminous Intensity
IV
IF=20mA
1500
3000
mcd
Viewing Angle
2θ1/2
IF=20mA
25
deg
Forward Voltage
VF
IF=20mA
3.0
3.6
V
Reverse Current
IR
VR=5V
0
10
µA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com