Electronic Components Datasheet Search
  English  ▼

X  

LM4041 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # LM4041
Description  PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LM4041 Datasheet(HTML) 4 Page - Unisonic Technologies

  LM4041 Datasheet HTML 1Page - Unisonic Technologies LM4041 Datasheet HTML 2Page - Unisonic Technologies LM4041 Datasheet HTML 3Page - Unisonic Technologies LM4041 Datasheet HTML 4Page - Unisonic Technologies LM4041 Datasheet HTML 5Page - Unisonic Technologies LM4041 Datasheet HTML 6Page - Unisonic Technologies LM4041 Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
LM4041
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 7
www.unisonic.com.tw
QW-R101-027.a
ABSOLUTE MAXIMUM RATING (Ta = 25°C, unless otherwise specified.)
PARAMETER
SYMBOL
RATINGS
UNIT
Continuous Cathode Voltage
VZ
15
V
Continuous Cathode Current
IZ
-10~+25
mA
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-65~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
206
°C/W
Note: Maximum power dissipation is a function of TJ(max), θJA, and Ta. The maximum allowable power dissipation at
any allowable ambient temperature is PD = (TJ(max) – TA)/ θJA. Operating at the absolute maximum TJ of 150°C
can affect reliability.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
RATINGS
UNIT
Cathode Current (max)
IZ
12
mA
Reverse Breakdown Voltage
VZ
10
V
Operating Temperature
Ta
-40~+85
°C
ELECTRICAL CHARACTERISTICS (Ta =-40°C~ +85°C, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX
UNIT
Reference Voltage
VREF
VZ=5V, IZ = 100μA, Ta=25°C
1.233
V
Ta=25°C
-12
12
mV
Reference Voltage Tolerance
(Note)
VZ=5V, IZ = 100μA
Ta =-40°C~+85°C -24
24
mV
Ta=25°C
0.7
2
mV
IZ(MIN) < IZ < 1mA
Ta=-40°C~+85°C
2.5
mV
Ta=25°C
2
6
mV
Reference Voltage Change With
Cathode Current Change
Z
REF
I
Δ
V
Δ
1mA < IZ < 12mA
Ta=-40°C~+85°C
8
mV
Ta=25°C
-1.55
-2
mV/V
Reference Voltage Change With
Output Voltage Change
KA
REF
V
Δ
V
Δ
IZ=1mA
Ta=-40°C~+85°C
-3
mV/V
Ta=25°C
45
75
μA
Minimum Cathode Current
IZ(MIN)
Ta =-40°C~+85°C
80
μA
Ta=25°C
60
150
nA
Feedback Current
IFB
Ta=-40°C~+85°C
200
nA
VZ=5V, IZ =10mA, Ta=25°C
±20
ppm/°C
Ta=25°C
±15
ppm/°C
VZ=5V, IZ=1mA
Ta=-40°C~+85°C
±150 ppm/°C
Temperature Coefficient of Output
Voltage (Note)
TCVO
VZ=5V, IZ=100μA, Ta=25°C
±15
ppm/°C
VZ=VREF, IZ=1mA, IAC=0.1IZ
f=120Hz, Ta=25°C
0.3
Ω
Reverse Dynamic Impedance
ZZ
VZ=10V, IZ=1mA, IAC=0.1IZ
f=120Hz, Ta=25°C
2
Ω
Output Voltage Noise
eN
VZ=VREF, IZ =100μA
10Hz ≤ f ≤ 10 kHz, Ta=25°C
20
μVrms
Long-term Stability of Reverse
Breakdown Voltage
t=1000h, IZ=100μA, Ta = 25°C±0.1°C,
120
ppm
Note: Reference voltage tolerance and average temperature coefficient change with output voltage (VZ).



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com