Electronic Components Datasheet Search
  English  ▼

X  

MASW-008322 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MASW-008322
Description  GaAs SPDT Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW-008322 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MASW-008322 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW-008322 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW-008322 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW-008322 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GaAs SPDT Switch
DC - 20 GHz
Rev. V3
MASW-008322
2
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications
5: T
A = +25°C
6, Z
0 = 50Ω, V1,2 = -5/0V
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Insertion Loss
1 GHz
10 GHz
18 GHz
20 GHz
dB
—
—
—
—
0.4
1.0
1.5
1.9
0.55
—
—
2.5
Isolation
1 GHz
10 GHz
18 GHz
20 GHz
dB
50
—
—
39
52
48
43
40
—
—
—
—
VSWR
1 - 20 GHz
Ratio
—
2.0:1
—
Trise, Tfall
10% to 90% RF and 90% to 10% RF
ns
—
9
—
Ton, Toff
50% control to 90% RF, and 50% control to 10% RF
ns
—
12
257
Input P1dB
0.5 - 20 GHz, 0 to -5 V
dBm
—
30
—
IIP3
Two Tone, +5 dBm/Tone, 5 MHz Spacing, >50 MHz
0.5 - 20 GHz
dBm
—
48
—
Control Current
(Complementary Logic)
VIN Low, -5 V
VIN High, 0 V
µA
—
—
3
—
50
20
Settling Time
50% Vctl to 0.1 dB of final value
µs
—
1
—
5. All specifications apply with 50 Ω impedance connected to all RF ports, 0 and –5 VDC control voltages.
6. Loss changes 0.0025 dB/°C (from –55°C to +85°C).
7. Max switching speed guaranteed by design.
Truth Table
9
Control Inputs
Condition of Switch
V1
V2
RF1
RF2
High
Low
Off
On
Low
High
On
Off
9. Vlow = -5 V, Vhigh = 0 V
Sample Board
Absolute Maximum Ratings
8
Parameter
Absolute Maximum
Control Voltage
-8.5 VDC
Input RF Power
+33 dBm
Operating Temperature
-40 to +85°C
Storage Temperature
-65°C to +150°C
8. Exceeding any one or combination of these limits may cause
permanent damage to this device.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com