Electronic Components Datasheet Search
  English  ▼

X  

MASWCC0009 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MASWCC0009
Description  GaAs SP4T Switch, Absorptive
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWCC0009 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MASWCC0009 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWCC0009 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWCC0009 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASWCC0009 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASWCC0009 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MASWCC0009 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
GaAs SP4T Switch, Absorptive
DC - 3.0 GHz
Rev. V7
MASWCC0009
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
 Typical Isolation: 35 dB (2.0 GHz)
 Typical Insertion Loss: 1.2 dB (2.0 GHz)
 Integral ASIC/CMOS Driver
 50 Ohm Nominal Impedance
 Low DC Power Consumption
 Test Boards Available
 Lead-Free QSOP-24 Package
 100% Matte Tin Plating over Copper
 Halogen-Free “Green” Mold Compound
 260°C Reflow Compatible
 RoHS* Compliant Version of SW65-0440
Description
M/A-COM's MASWCC0009 is a GaAs MMIC
absorptive SP4T switch with an integral silicon ASIC
driver. This device is in a 24-lead plastic package.
This switch offers excellent broadband performance
and repeatability from DC to 3 GHz, while
maintaining
low
DC
power
dissipation.
The
MASWCC0009
is
ideally
suited
for
wireless
infrastructure applications.
Ordering Information
Part Number
Package
MASWCC0009
Bulk Packaging
MASWCC0009TR
1000 piece reel
MASWCC0009-TB
Sample Test Board
Note: Reference Application Note M513 for reel size
information.
Functional Schematic
Pin Configuration
Pin No.
Function
Pin No.
Function
1
RFC
13
C4
2
GND
14
C3
3
RF1
15
GND
4
GND
16
GND
5
RF2
17
GND
6
NC
18
NC
7
NC
19
NC
8
NC
20
RF3
9
VEE
21
GND
10
VCC
22
RF4
11
C1
23
GND
12
C2
24
GND
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
NC = No Connection


Similar Part No. - MASWCC0009

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWCC0009 MACOM-MASWCC0009 Datasheet
327Kb / 1P
GaAs SP6T Switch, Absorptive, Single Supply DC - 3.0 GHz
logo
M/A-COM Technology Solu...
MASWCC0009 MA-COM-MASWCC0009 Datasheet
181Kb / 6P
GaAs SP4T Switch, Absorptive, Single Supply DC - 3.0 GHz
MASWCC0009 MA-COM-MASWCC0009 Datasheet
175Kb / 6P
GaAs SP4T Switch, Absorptive
MASWCC0009 MA-COM-MASWCC0009 Datasheet
864Kb / 7P
GaAs SP4T Switch, Absorptive DC - 3.0 GHz
logo
Tyco Electronics
MASWCC0009-TB MACOM-MASWCC0009-TB Datasheet
327Kb / 1P
GaAs SP6T Switch, Absorptive, Single Supply DC - 3.0 GHz
More results

Similar Description - MASWCC0009

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-314 MACOM-SW-314 Datasheet
229Kb / 3P
GaAs SP4T Absorptive Switch, DC - 3 GHz
SW15-0314 MACOM-SW15-0314 Datasheet
228Kb / 3P
GaAs SP4T Absorptive Switch, DC - 3 GHz
SW-314-PIN MACOM-SW-314-PIN Datasheet
160Kb / 4P
GaAs SP4T Absorptive Switch, DC-3.0 GHz
logo
M/A-COM Technology Solu...
SW15-0314 MA-COM-SW15-0314 Datasheet
117Kb / 4P
GaAs SP4T Absorptive Switch, DC-3.0 GHz
SW65-0440 MA-COM-SW65-0440 Datasheet
180Kb / 6P
GaAs SP4T Switch, Absorptive, Single Supply DC - 3.0 GHz
MASWCC0009 MA-COM-MASWCC0009 Datasheet
175Kb / 6P
GaAs SP4T Switch, Absorptive
MASWCC0010 MA-COM-MASWCC0010 Datasheet
152Kb / 5P
GaAs SP4T Switch, Absorptive, Single Supply
MASWCC0010 MA-COM-MASWCC0010_15 Datasheet
714Kb / 6P
GaAs SP4T Switch, Absorptive, Single Supply
logo
Skyworks Solutions Inc.
SKY13296-340LF SKYWORKS-SKY13296-340LF Datasheet
418Kb / 6P
GaAs SP4T Absorptive Switch 20 MHz??.5 GHz
logo
M/A-COM Technology Solu...
MASWCC0009 MA-COM-MASWCC0009_15 Datasheet
864Kb / 7P
GaAs SP4T Switch, Absorptive DC - 3.0 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com