Electronic Components Datasheet Search
  English  ▼

X  

MASWSS0024 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MASWSS0024
Description  SPDT High Isolation Terminated Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWSS0024 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MASWSS0024 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWSS0024 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWSS0024 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASWSS0024 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
SPDT High Isolation Terminated Switch
0.01 - 3.0 GHz
Rev. V7
MASWSS0024
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Positive Voltage Control: 0 / +5 V
• High Isolation: 55 dB @ 0.9 GHz
50 dB @ 1.9 GHz
• 50 Ω Internal Terminations
• Low Insertion Loss: 0.6 dB @ 0.9 GHz
0.7 dB @ 1.9 GHz
• MSOP-8-EP Package
Description
The MASWSS0024 GaAs monolithic switch provides
high isolation in a low cost, plastic surface mount
package.
The MASWSS0024 is ideal for applications across a
broad range of frequencies including synthesizer
switching, transmit / receive switching, switch
matrices and filter banks in systems such as radio
and cellular equipment, PCS, GPS, and fiber optic
modules.
M/A-COM Technology fabricates the MASWSS0024
using a 1.0-micron gate length MESFET process.
The process features full chip passivation for
performance and reliability.
Functional Schematic 2
Pin Configuration
Pin No.
Function
Pin No.
Function
1
Control 1
5
RF Port 2
2
Control 2
6
Ground
3
RF Common
7
Ground
4
Ground
8
RF Port 1
Part Number
Package
MASWSS0024
Bulk Packaging
MASWSS0024TR-3000
3000 piece reel
MASWSS0024SMB
Sample Board
Ordering Information 1
1. Reference Application Note M513 for reel size information.
Absolute Maximum Ratings 3,4
Parameter
Absolute Maximum
Input Power (0.5 - 3.0 GHz)
3 V Control
5 V Control
+30 dBm
+33 dBm
Operating Voltage
+8.5 Volts
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
3. Exceeding any one or combination of these limits may cause
permanent damage to this device.
4. M/A-COM Technology does not recommend sustained
operation near these survivability limits.
2. The exposed pad centered on the package bottom must be
connected to RF and DC ground.


Similar Part No. - MASWSS0024

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0024 MACOM-MASWSS0024 Datasheet
219Kb / 3P
SPDT High Isolation Terminated Switch, 0.5 - 3.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0024 MA-COM-MASWSS0024 Datasheet
70Kb / 4P
SPDT High Isolation Terminated Switch 0.01 - 3.0 GHz
logo
Tyco Electronics
MASWSS0024SMB MACOM-MASWSS0024SMB Datasheet
219Kb / 3P
SPDT High Isolation Terminated Switch, 0.5 - 3.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0024SMB MA-COM-MASWSS0024SMB Datasheet
70Kb / 4P
SPDT High Isolation Terminated Switch 0.01 - 3.0 GHz
logo
Tyco Electronics
MASWSS0024TR MACOM-MASWSS0024TR Datasheet
219Kb / 3P
SPDT High Isolation Terminated Switch, 0.5 - 3.0 GHz
More results

Similar Description - MASWSS0024

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0024 MACOM-MASWSS0024 Datasheet
219Kb / 3P
SPDT High Isolation Terminated Switch, 0.5 - 3.0 GHz
SW-394 MACOM-SW-394 Datasheet
36Kb / 2P
GaAs SPDT High Isolation Terminated Switch
MASWSS0121 MACOM-MASWSS0121 Datasheet
198Kb / 3P
SPDT High Isolation Terminated Switch 0.5 - 3.0 GHz
logo
M/A-COM Technology Solu...
MASW-008543 MA-COM-MASW-008543 Datasheet
175Kb / 4P
SPDT High Isolation Terminated Switch 0.01- 4.0 GHz
MASW-008543_V2 MA-COM-MASW-008543_V2 Datasheet
228Kb / 4P
SPDT High Isolation Terminated Switch
MASWSS0178_V4 MA-COM-MASWSS0178_V4 Datasheet
192Kb / 4P
SPDT High Isolation Terminated Switch
MASWSS0121 MA-COM-MASWSS0121 Datasheet
117Kb / 3P
SPDT High Isolation Terminated Switch
MASW-008543 MA-COM-MASW-008543 Datasheet
698Kb / 5P
SPDT High Isolation Terminated Switch
MASW-008543 MA-COM-MASW-008543_15 Datasheet
698Kb / 5P
SPDT High Isolation Terminated Switch
MASWSS0121 MA-COM-MASWSS0121_15 Datasheet
587Kb / 4P
SPDT High Isolation Terminated Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com