Electronic Components Datasheet Search
  English  ▼

X  

IXFH23N60Q Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXFH23N60Q
Description  HiPerFET Power MOSFETs Q-Class
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFH23N60Q Datasheet(HTML) 4 Page - IXYS Corporation

  IXFH23N60Q Datasheet HTML 1Page - IXYS Corporation IXFH23N60Q Datasheet HTML 2Page - IXYS Corporation IXFH23N60Q Datasheet HTML 3Page - IXYS Corporation IXFH23N60Q Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXYS MOSFETs and IGBTs are covered by one or more
of the following U.S. patents:
4,835,592 4,881,106 5,017,508 5,049,961 5,187,117 5,486,715 6,306,728B1 6,259,123B1 6,306,728B1
4,850,072 4,931,844 5,034,796 5,063,307 5,237,481 5,381,025 6,404,065B1 6,162,665
6,534,343
IXFH 23N60Q
IXFT 23N60Q
Fig. 12. Maxim um T ransient T herm al
Resistance
0.01
0.1
1
1
10
100
1000
Puls e Width - millis ec onds
Fig. 11. Capacitance
100
1000
10000
0
5
10
15
20
25
30
35
40
V
DS - V olts
Ciss
Coss
Crss
f = 1M Hz
Fig. 10. Gate Charge
0
2
4
6
8
10
0
204060
80
100
Q
G - nanoCoulombs
VDS= 300V
ID= 11.5A
IG= 10mA
Fig. 7. Input Admittance
0
5
10
15
20
25
30
35
40
3.544.555.566.5
7
V
GS - V olts
TJ = -40ºC
25ºC
125ºC
Fig. 8. Transconductance
0
6
12
18
24
30
36
42
0
10
20304050
60
I
D - Amperes
TJ = -40ºC
25ºC
125ºC
Fig. 9. Source Current vs. Source-To-Drain
Voltage
0
10
20
30
40
50
60
0.3
0.5
0.7
0.9
1.1
V
SD - Volts
TJ = 125ºC
TJ = 25ºC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com