Electronic Components Datasheet Search
  English  ▼

X  

SM4T Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # SM4T
Description  Load Insensitive Mixer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

SM4T Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  SM4T Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. SM4T Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. SM4T Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Load Insensitive Mixer
Rev. V5
SM4T
•
North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
•
India Tel: +91.80.43537383
•
China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• LO 1 to 3400 MHz
• RF 1 to 3400 MHz
• IF 1 to 2000 MHz
• LO Drive +10 dBm (nominal)
• Insensitive to VSWR Mismatch
• High Intercept +18 dBm typical
• RoHS* Compliant and 260°C Reflow Compatible
Description
The SM4T is a termination insensitive mixer,
designed for use in military, commercial and test
equipment
applications.
The
design
utilizes
Schottky bridge quad diodes, broadband ferrite
baluns and internal loads to provide excellent
performance without degradation due to external
VSWR mismatches.
Environmental screening
available to MIL-STD-883, MIL-STD-202, or MIL-
DTL-28837, consult factory.
Ordering Information
Part Number
Package
SM4T
Surface Mount
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
Product Image
Electrical Specifications: Z0 = 50Ω Lo = +10 dBm (Downconverter application only)
Parameter
Test Conditions
Units
Guaranteed
+25ºC
-54º to +85ºC
SSB Conversion Loss
(max)
fR = 0.005 - 1.0 GHz, fL = 0.005 - 1.0 GHz, fI = 0.001 - 0.5 GHz
fR = 0.001 - 3 GHz, fL = 0.001 - 3 GHz , fI = 0.001 - 1.5 GHz
fR = 0.001 - 3.4 GHz, fL = 0.001 - 3.4 GHz, fI = 0.001 - 2 GHz
dB
6.5
8.0
9.0
7.5
9.0
10.5
8.0
9.5
11.0
SSB Noise Figure
dB
Within 1 dB of conversion loss
Isolation, L to R (min)
fL = 0.01 - 1.5 GHz
fL = 0.01 - 3.4 GHz
dB
40
30
35
25
33
23
Isolation, L to I (min)
fL = 0.01 - 1.5 GHz
fL = 0.01 - 3.4 GHz
dB
40
30
35
25
33
23
Isolation, R to I (min)
fR = 0.001 - 3.4 GHz
dB
25
1 dB Conversion Comp.
fL= +10 dBm
dBm
+6
Input IP3
fR1 = 1.9 GHz at -10 dBm,
fR2 = 1.91 GHz at –10 dBm,
fL = 2 GHz at +10 dBm
dBm
+18
Typical
Parameter
Absolute Maximum
Operating Temperature
-54ºC to +100ºC
Storage Temperature
-65ºC to +100ºC
Peak Input Power
+27 dBm max @ +25ºC
+17 dBm max @ +100ºC
Peak Input Current
50 mA DC
Absolute Maximum Ratings


Similar Part No. - SM4T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SM4T ETC-SM4T Datasheet
844Kb / 1P
Easy Install Speakers
logo
M/A-COM Technology Solu...
SM4T MA-COM-SM4T Datasheet
158Kb / 3P
Load Insensitive Mixer
logo
STMicroelectronics
SM4T10 STMICROELECTRONICS-SM4T10 Datasheet
126Kb / 7P
TRANSIL
Nov-1992
logo
SUNMATE electronic Co.,...
SM4T10 SUNMATE-SM4T10 Datasheet
392Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SM4T10 SUNMATE-SM4T10 Datasheet
651Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
More results

Similar Description - SM4T

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
M4T MACOM-M4T Datasheet
230Kb / 3P
Load Insensitive Mixer
M4TH MACOM-M4TH Datasheet
290Kb / 3P
Load Insensitive Mixer
M8T MACOM-M8T Datasheet
327Kb / 3P
Load Insensitive Mixer
M8TH MACOM-M8TH Datasheet
329Kb / 3P
Load Insensitive Mixer
logo
M/A-COM Technology Solu...
M4T MA-COM-M4T Datasheet
529Kb / 3P
Load Insensitive Mixer
M4TH MA-COM-M4TH Datasheet
524Kb / 2P
Load Insensitive Mixer
SM4TH MA-COM-SM4TH Datasheet
67Kb / 2P
Load Insensitive Mixer
M4TH MA-COM-M4TH Datasheet
524Kb / 2P
Load Insensitive Mixer
SM4TH MA-COM-SM4TH Datasheet
67Kb / 2P
Load Insensitive Mixer
SM4TH MA-COM-SM4TH_15 Datasheet
472Kb / 3P
Load Insensitive Mixer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com