Electronic Components Datasheet Search
  English  ▼

X  

SW-456 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # SW-456
Description  GaAs SPDT Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

SW-456 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  SW-456 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. SW-456 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. SW-456 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. SW-456 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
GaAs SPDT Switch
DC - 3.0 GHz
Rev. V5
SW-456
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Low Cost Plastic: SC-70 (SOT-363) Package
• Low Insertion Loss: < 0.3 dB @ 900 MHz
• Low Power Consumption: < 15 µA @ -2.3 Volts
• Positive or Negative 2.3 to 8 Volt Control
Description
M/A-COM’s SW-456 is a GaAs monolithic switch in a
low cost SC-70 (SOT-363) surface mount plastic
package.
The
SW-456
is
ideally
suited
for
applications where very low power consumption, low
insertion loss, very small size and low cost are
required.
Typical applications are in dual band
systems where switching between small signal
components is required, i.e. filter banks, single-band
LNA’s, converters, etc. The SW-456 can be used in
applications up to 0.25 watts in systems such as
cellular,
PCS,
DCS1800,
GSM,
CDMA,
W-CDMA
and
other
analog/digital
wireless
communication systems.
The SW-456 is fabricated using a mature 0.5 micron
PHEMT
process.
The
process
features
full
passivation for performance and reliability.
PIN 1
RF1
GND
RF2
V1
RFC
V2
1000 pF
1000 pF
1000 pF
Functional Schematic
Positive Control Voltage
RF1
PIN 1
GND
RF2
V1
RFC
V2
Functional Schematic
Negative Control Voltage
Pin Configuration
PIN
Function
Description
1
RF1
RF In/Out
2
GND
RF Ground
3
RF2
RF In/Out
4
V2
VCTRL2
5
RFC
RF Common
6
V1
VCTRL1
Ordering Information
1
Part Number
Package
SW-456 PIN
Bulk Packaging
SW-456TR
1000 piece reel
SW-456TR-3000
3000 piece reel
SW-456SMB
Sample Test Board
1. Reference Application Note M513 for reel size information.
Absolute Maximum Ratings
2
2. Exceeding any one or combination of these limits may cause
permanent damage to this device.
Parameter
Absolute Maximum
Input Power (0.5 - 3.0 GHz)
3 V Control
5 V Control
Operating Voltage
+8.5 volts
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
+30 dBm
+33 dBm


Similar Part No. - SW-456

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-456 MACOM-SW-456 Datasheet
405Kb / 4P
GaAs SPDT Switch DC - 3.0 GHz
logo
M/A-COM Technology Solu...
SW-456 MA-COM-SW-456 Datasheet
83Kb / 4P
GaAs SPDT Switch DC - 3.0 GHz
logo
List of Unclassifed Man...
SW-456 ETC1-SW-456 Datasheet
35Kb / 2P
Split Bobbin-Printed Circuit Transformers Single & Dual Primaries
logo
Tyco Electronics
SW-456PIN MACOM-SW-456PIN Datasheet
405Kb / 4P
GaAs SPDT Switch DC - 3.0 GHz
SW-456SMB MACOM-SW-456SMB Datasheet
405Kb / 4P
GaAs SPDT Switch DC - 3.0 GHz
More results

Similar Description - SW-456

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-008322_V3 MA-COM-MASW-008322_V3 Datasheet
164Kb / 4P
GaAs SPDT Switch
MASW4030G MA-COM-MASW4030G Datasheet
75Kb / 4P
GaAs SPDT Switch
MASW-007221 MA-COM-MASW-007221 Datasheet
78Kb / 3P
GaAs SPDT Switch
MASW-008075 MA-COM-MASW-008075 Datasheet
105Kb / 3P
GaAs SPDT Switch
MASW-008322-V3 MA-COM-MASW-008322-V3 Datasheet
164Kb / 4P
GaAs SPDT Switch
MASW-008899 MA-COM-MASW-008899 Datasheet
148Kb / 4P
GaAs SPDT Switch
MASW-008322 MA-COM-MASW-008322 Datasheet
633Kb / 5P
GaAs SPDT Switch
MASWSS0136 MA-COM-MASWSS0136_15 Datasheet
596Kb / 4P
GaAs SPDT Switch
MASWSS0157 MA-COM-MASWSS0157_15 Datasheet
615Kb / 5P
GaAs SPDT Switch
MASWSS0176 MA-COM-MASWSS0176_15 Datasheet
639Kb / 4P
GaAs SPDT Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com