Electronic Components Datasheet Search
  English  ▼

X  

IXFT69N30P Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXFT69N30P
Description  Polar HiPerFET Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFT69N30P Datasheet(HTML) 1 Page - IXYS Corporation

  IXFT69N30P Datasheet HTML 1Page - IXYS Corporation IXFT69N30P Datasheet HTML 2Page - IXYS Corporation IXFT69N30P Datasheet HTML 3Page - IXYS Corporation IXFT69N30P Datasheet HTML 4Page - IXYS Corporation IXFT69N30P Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2009 IXYS CORPORATION, All Rights Reserved
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25°C to 150°C
300
V
V
DGR
T
J
= 25°C to 150°C, R
GS = 1MΩ
300
V
V
GSS
Continuous
± 20
V
V
GSM
Transient
± 30
V
I
D25
T
C = 25°C
69
A
I
DM
T
C = 25°C, Pulse Width Limited by TJM
200
A
I
A
T
C = 25°C
69
A
E
AS
T
C = 25°C
1.5
J
dV/dt
I
S
≤ I
DM, VDD ≤ VDSS, TJ≤ 150°C
20
V/ns
P
D
T
C = 25°C
500
W
T
J
-55 to +150
°C
T
JM
+150
°C
T
stg
-55 to +150
°C
T
L
1.6mm (0.063in) from Case for 10s
300
°C
T
SOLD
Plastic Body for 10s
260
°C
M
d
Mounting Torque (TO-247)
1.13/10
Nm/lb.in.
Weight
TO-247
6
g
TO-268
4
g
N-Channel Enhancement Mode
Avalanche Rated
Fast Intrinsic Diode
PolarTM HiPerFETTM
Power MOSFET
IXFH69N30P
IXFT69N30P
DS99220F(10/09)
V
DSS
= 300V
I
D25
= 69A
R
DS(on)
≤≤≤≤≤ 49mΩ
Ω
Ω
Ω
Ω
t
rr
≤≤≤≤≤ 200ns
Features
International Standard Packages
Fast Intrinsic Diode
Avalanche Rated
Low R
DS(ON) and QG
Low Package Inductance
Advantages
High Power Density
Easy to Mount
Space Savings
Applications
DC-DC Coverters
Battery Chargers
Switch-Mode and Resonant-Mode
Power Supplies
DC Choppers
AC and DC Motor Drives
Uninterrupted Power Supplies
High Speed Power Switching
Applications
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, Unless Otherwise Specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0V, ID = 250µA
300
V
V
GS(th)
V
DS = VGS, ID = 4mA
2.5
5.0
V
I
GSS
V
GS = ±20V, VDS = 0V
±100 nA
I
DSS
V
DS = VDSS, VGS = 0V
25 µA
T
J = 125°C
250 µA
R
DS(on)
V
GS = 10V, ID = 0.5 • ID25, Note 1
49 m
Ω
G = Gate
D
= Drain
S = Source
Tab = Drain
TO-247 (IXFH)
TO-268 (IXFT)
G
S
D (Tab)
S
G
D (Tab)
D


Similar Part No. - IXFT69N30P

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFT60N20 IXYS-IXFT60N20 Datasheet
94Kb / 2P
HiPerFET Power MOSFETs
IXFT60N20F IXYS-IXFT60N20F Datasheet
103Kb / 2P
HiPerRF Power MOSFET F-Class: MegaHertz Switching
IXFT60N25Q IXYS-IXFT60N25Q Datasheet
71Kb / 2P
HiPerFET Power MOSFETs Q-Class
IXFT60N50P3 IXYS-IXFT60N50P3 Datasheet
173Kb / 5P
Polar3 HiperFET Power MOSFET
IXFT60N65X2HV IXYS-IXFT60N65X2HV Datasheet
197Kb / 6P
X2-Class HiPerFETTM
More results

Similar Description - IXFT69N30P

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFH18N90P IXYS-IXFH18N90P Datasheet
203Kb / 5P
Polar Power MOSFET HiPerFET
IXFH24N90P IXYS-IXFH24N90P Datasheet
128Kb / 4P
Polar Power MOSFET HiPerFET
IXFK40N90P IXYS-IXFK40N90P Datasheet
124Kb / 4P
Polar Power MOSFET HiPerFET
IXFA12N50P IXYS-IXFA12N50P Datasheet
150Kb / 5P
Polar Power MOSFET HiperFET
IXFH170N10P IXYS-IXFH170N10P Datasheet
146Kb / 5P
Polar HiperFET Power MOSFET
IXFB30N120P IXYS-IXFB30N120P Datasheet
147Kb / 5P
Polar HiPerFET Power MOSFET
IXFK30N110P IXYS-IXFK30N110P Datasheet
121Kb / 4P
Polar Power MOSFET HiPerFET
IXFK32N100P IXYS-IXFK32N100P Datasheet
124Kb / 4P
Polar Power MOSFET HiPerFET
IXFN30N120P IXYS-IXFN30N120P Datasheet
114Kb / 4P
Polar Power MOSFET HiPerFET
IXFN40N110P IXYS-IXFN40N110P Datasheet
116Kb / 4P
Polar Power MOSFET HiPerFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com