Electronic Components Datasheet Search
  English  ▼

X  

CF001-01 Datasheet(PDF) 1 Page - Mimix Broadband

Part # CF001-01
Description  GaAs MESFET Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CF001-01 Datasheet(HTML) 1 Page - Mimix Broadband

  CF001-01 Datasheet HTML 1Page - Mimix Broadband CF001-01 Datasheet HTML 2Page - Mimix Broadband CF001-01 Datasheet HTML 3Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
GaAs MESFETTransistor
Page 1 of 3
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2008 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
CF001-01
March 2008 - Rev 15-Mar-08
Features
High Gain: Usable to 44 GHz
P1dB Power: 21 dBm
Wfer Qualification Procedure
Customer Wafer Selection Available
General Description
Mimix CF001-01 GaAs-based transistor is a 300 um gate
width, sub-half-micron gate length GaAs device with Silicon
Nitride passivation. The CF001-01 provides high gain up to
26 GHz. It is suitable for general purpose and driver
amplifier applications with up to +21 dBm power from a
single FET. This device can also be used in oscillator
applications. The CF001-01 is available in chip form and is
suitable for airborne, shipboard and ground-based
equipment. The devices are 100% DC tested and every
wafer is qualified based on sample RF and reliability testing.
Screening includes MIL-STD-750 Class B, Class S and
commercial screening. These devices are also available in
packaged form. Please consult the CFB0101-B, CFA0101-A
datasheets or contact the factory for further information.
12.0
21.0


Similar Part No. - CF001-01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CF001-01 ETC1-CF001-01 Datasheet
588Kb / 4P
CF001 SERIES GAAS PSEUDOMORPHIC HEMT AND MESFET CHIPS
logo
Mimix Broadband
CF001-01 MIMIX-CF001-01 Datasheet
503Kb / 4P
GaAs Pseudomorphic HEMT and MESFET Chips
More results

Similar Description - CF001-01

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CF010 MIMIX-CF010 Datasheet
797Kb / 5P
Broadband Power GaAs MESFET Chip
logo
NEC
NE76100 NEC-NE76100_99 Datasheet
53Kb / 8P
GENERAL PURPOSE GaAs MESFET
NEZ1011-3E NEC-NEZ1011-3E Datasheet
82Kb / 12P
N-CHANNEL GaAs MESFET
logo
Mimix Broadband
CF003-01 MIMIX-CF003-01 Datasheet
589Kb / 3P
GaAs MESFET Transistor
logo
RFHIC
MO4Q RFHIC-MO4Q_14 Datasheet
127Kb / 4P
Integrated Monolithic GaAs MESFET
MO9Q RFHIC-MO9Q_14 Datasheet
132Kb / 4P
Integrated Monolithic GaAs MESFET
logo
Renesas Technology Corp
NES1823P-100 RENESAS-NES1823P-100 Datasheet
265Kb / 22P
N-CHANNEL GaAs MESFET
1998
NEZ1011-3E RENESAS-NEZ1011-3E Datasheet
199Kb / 14P
N-CHANNEL GaAs MESFET
1998
NEZ1011-4E RENESAS-NEZ1011-4E Datasheet
198Kb / 14P
N-CHANNEL GaAs MESFET
1998
NEZ1011-5E RENESAS-NEZ1011-5E Datasheet
198Kb / 14P
N-CHANNEL GaAs MESFET
1998
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com