Electronic Components Datasheet Search
  English  ▼

X  

CDH25D09 Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDH25D09
Description  Power Inductor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDH25D09 Datasheet(HTML) 2 Page - Sumida Corporation

  CDH25D09_2 Datasheet HTML 1Page - Sumida Corporation CDH25D09_2 Datasheet HTML 2Page - Sumida Corporation CDH25D09_2 Datasheet HTML 3Page - Sumida Corporation CDH25D09_2 Datasheet HTML 4Page - Sumida Corporation CDH25D09_2 Datasheet HTML 5Page - Sumida Corporation CDH25D09_2 Datasheet HTML 6Page - Sumida Corporation CDH25D09_2 Datasheet HTML 7Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
■
■
■
■
Electrical Characteristics specification.
◆
◆
◆
◆ CDH25D09
Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDH25D09,CDH25D11
0.45
0.54(0.63)
0.923(0.738)
10.0
±20%
K
CDH25D09HF-100MC
0.51
0.65(0.76)
0.675(0.540)
6.8
±20%
J
CDH25D09HF-6R8MC
0.8
0.78(0.92)
0.463(0.370)
4.7
±20%
G
CDH25D09HF-4R7MC
0.97
0.95(1.12)
0.310(0.248)
3.3
±20%
F
CDH25D09HF-3R3MC
1.13
1.15(1.35)
0.233(0.186)
2.2
±20%
E
CDH25D09HF-2R2MC
1.36
1.40(1.65)
0.154(0.123)
1.5
±30%
D
CDH25D09HF-1R5NC
1.53
1.65(1.94)
0.112(89.1m)
1.0
±30%
C
CDH25D09HF-1R0NC
2.06
2.17(2.55)
70.5m(56.4m)
0.68
±30%
B
CDH25D09HF-R68NC
2.21
2.47(2.90)
57.4m(45.9m)
0.47
±30%
A
CDH25D09HF-R47NC
Temperature
Rise Current
(A)
※2
Saturation Current
(A)※1
D.C.R.
Max.(Typ.)
(
Ω)
Inductance
1MHz
(
μH)
Stamp
Part Name



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com