Electronic Components Datasheet Search
  English  ▼

X  

SPR2C350 Datasheet(PDF) 1 Page - Sparkle Power Inc.

Part # SPR2C350
Description  350 Watts 11, 2U Hot-Swap Redundant Switching Power Supply
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPI [Sparkle Power Inc.]
Direct Link  http://www.sparklepower.com
Logo SPI - Sparkle Power Inc.

SPR2C350 Datasheet(HTML) 1 Page - Sparkle Power Inc.

  SPR2C350 Datasheet HTML 1Page - Sparkle Power Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Output Characteristics
Output Voltage
Minimum Load
Normal Load
Maximum Load
Load Reg.
Ripple & Noise
+3.3V
0.5A
10A
20A
± 5%
50mV P-P
+5V
0.5A
12.5A
25A
± 5%
50mV P-P
+12V1
0.5A
7.5A
15A
± 5%
120mV P-P
+12V2
0.5A
7.5A
15A
± 5%
120mV P-P
+12V3
1.0A
7.5A
15A
± 5%
120mV P-P
-12V
0.0A
0.25A
0.5A
± 10%
120mV P-P
-5V
0.0A
0.1A
0.2A
± 10%
120mV P-P
+5Vsb
0.0A
1.0A
2.0A
± 5%
50mV P-P
*+3.3V and +5V total output not exceed 150W
*Maximum combined current for the 12V outputs shall be 24A.
* Total output for this subject power supply is 350W
Sparkle Power Inc.
Main Office
1000 Rock Avenue
San Jose, CA 95131
TEL: 408-519-8888
FAX: 408-519-9999
E-MAIL: info@sparklepower.com
Sparkle Power Inc.
Los Angeles Office
17071 Green Drive
City of Industry, CA 91745
TEL: 626-839-7180
FAX: 626-839-3395
Input Characteristics
Input Range: 90 ~ 264Vac (RMS), Full Range Input
Frequency: 47 ~ 63Hz
Input Current: Max 6.0A (RMS) @ 100V~240Vac
Inrush Current: Max 80A @ 100~240Vac Cold start
Features
• Complied with ATX12V standard
• Active Power Factor Correction (PFC) meet EN61000-3-2
• Hot Swap Module
• High efficiency and reliability
• Remote ON/OFF function
• Internal 12V DC Fan included
• Low Ripple and Noise
• Output Over voltage, short circuit, and over current protection
• 100% Hi-pot, ATE, and burn-in tested
• Re-settable power shut down
• Complies with FCC part 15 subpart J class B 115Vac operation,
and CISPR 22 class B at 230Vac operation
• Approved by UL/CUL60950-1, CCC, TUV EN60950 -1, CB
report ,FCC,EMC
SPR2C350( RoHS Compliant)
350 Watts 1+1, 2U Hot-Swap Redundant
Switching Power Supply
Specification
• Temperature Range: Operating: 0°C ~ +50°C on full load
• Humidity: 5-85% on operating,5-95% on storage
• Dielectric Withstand: Primary frame ground 1800V AC for
3 second
• Efficiency: Min 65% @ 100% Load & 72% @ 50% load
• Rise time: Less than 70mS
• Hold-up Time: 17mS minimum at nominal input voltage
• Power Good Signal: Power on delay time 5 ~ 400ms, off
delay 1ms minimum (TTL and CMOS compatible)
• Leakage Current: Less than 3.5mA at 264Vac, 50Hz
• MTBF: 100,000 hours on maximum load at +25°C
• Dimensions (LxWxH): 300mm*101mm*84.4mm /11.8 x
4x3.3 inch
Sparkle Power Inc.
A Leading Power Supply Manufacturer
Web site: www.sparklepower.com


Similar Part No. - SPR2C350

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
SPR2C154J KOA-SPR2C154J Datasheet
299Kb / 3P
power carbon film leaded resistor
logo
Sparkle Power Inc.
SPR2C520 SPI-SPR2C520 Datasheet
89Kb / 1P
520 Watts 11, 2U Hot-Swap Redundant Switching Power Supply
SPR2C620 SPI-SPR2C620 Datasheet
89Kb / 1P
620 Watts 11, 2U Hot-Swap Redundant Switching Power Supply
SPR2CA3508 SPI-SPR2CA3508 Datasheet
58Kb / 1P
350 Watts 11, 2U Hot-Swap Mini-Redundant Power Supply
SPR2CA4508 SPI-SPR2CA4508 Datasheet
67Kb / 1P
450 Watts 11, 2U Hot-Swap Mini-Redundant Power Supply
More results

Similar Description - SPR2C350

ManufacturerPart #DatasheetDescription
logo
Sparkle Power Inc.
FSP350-50BR2 SPI-FSP350-50BR2 Datasheet
145Kb / 1P
350 Watts 11 Redundant Switching Power Supply
FSP620-80MR1 SPI-FSP620-80MR1 Datasheet
363Kb / 2P
620 Watts, 11 Redundant Switching Power Supply
SPR2C520 SPI-SPR2C520 Datasheet
89Kb / 1P
520 Watts 11, 2U Hot-Swap Redundant Switching Power Supply
SPR2C620 SPI-SPR2C620 Datasheet
89Kb / 1P
620 Watts 11, 2U Hot-Swap Redundant Switching Power Supply
SPR2CA3508 SPI-SPR2CA3508 Datasheet
58Kb / 1P
350 Watts 11, 2U Hot-Swap Mini-Redundant Power Supply
SPR2CA4508 SPI-SPR2CA4508 Datasheet
67Kb / 1P
450 Watts 11, 2U Hot-Swap Mini-Redundant Power Supply
SPR2CA5008 SPI-SPR2CA5008 Datasheet
67Kb / 1P
500 Watts 11, 2U Hot-Swap Mini-Redundant Power Supply
FSP700-50DRS SPI-FSP700-50DRS Datasheet
53Kb / 1P
700Watts 11 2U Redundant Switching Power Supply
SPR2CA800LGP SPI-SPR2CA800LGP Datasheet
50Kb / 1P
800Watts 11 2U Redundant Switching Power Supply
logo
List of Unclassifed Man...
EFRP-P2A50S ETC2-EFRP-P2A50S Datasheet
334Kb / 2P
2U 1500W 11 Redundant Power Supply
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com