Electronic Components Datasheet Search
  English  ▼

X  

IXFK27N80 Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXFK27N80
Description  HiPerFET Power MOSFETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFK27N80 Datasheet(HTML) 3 Page - IXYS Corporation

  IXFK27N80 Datasheet HTML 1Page - IXYS Corporation IXFK27N80 Datasheet HTML 2Page - IXYS Corporation IXFK27N80 Datasheet HTML 3Page - IXYS Corporation IXFK27N80 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
© 2002 IXYS All rights reserved
IXFK 25N80
IXFK 27N80
IXFN 25N80
IXFN 27N80
I
D - Amperes
0
1020304050
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
V
GS - Volts
234
567
0
5
10
15
20
25
30
T
C - Degrees C
-50 -25
0
25
50
75
100 125 150
0
5
10
15
20
25
30
T
J - Degrees C
25
50
75
100
125
150
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
V
DS - Volts
0
4
8
121620
0
10
20
30
40
V
DS - Volts
0
246
8
10
0
10
20
30
40
4V
V
GS = 10V
V
GS = 9V
8V
7V
6V
T
J = 125
OC
V
GS = 10V
T
J = 25
OC
5V
5V
4V
T
J = 25
oC
I
D = 27A
T
J = 25
OC
IXFK27N80
IXFN27N80
T
J = 125
oC
V
GS = 9V
8V
7V
6V
T
J = 125
OC
IXF_25N80
I
D = 13.5A
Figure 3. R
DS(on) normalized to 0.5 ID25 value
vs. I
D
Figure 5. Drain Current vs. Case Temperature
Figure 6. Admittance Curves
Figure 1. Output Characteristics at 25OC
Figure 2. Output Characteristics at 125OC
Figure 4. R
DS(on) normalized to 0.5 ID25 value vs. TJ



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com