Electronic Components Datasheet Search
  English  ▼

X  

IXFX32N50Q Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXFX32N50Q
Description  HiPerFET Power MOSFETs Q-Class
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFX32N50Q Datasheet(HTML) 4 Page - IXYS Corporation

  IXFX32N50Q Datasheet HTML 1Page - IXYS Corporation IXFX32N50Q Datasheet HTML 2Page - IXYS Corporation IXFX32N50Q Datasheet HTML 3Page - IXYS Corporation IXFX32N50Q Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXYS MOSFETs and IGBTs are covered by one or more
of the following U.S. patents:
4,835,592 4,881,106 5,017,508 5,049,961 5,187,117 5,486,715 6,306,728B1 6,259,123B1 6,306,728B1
4,850,072 4,931,844 5,034,796 5,063,307 5,237,481 5,381,025 6,404,065B1 6,162,665
6,534,343
6,583,505
Pulse Width - Seconds
10-3
10-2
10-1
100
101
0.02
0.04
0.06
0.08
0.20
0.40
0.01
0.10
V
DS - Volts
0
5
10
15
20
25
100
1000
10000
V
SD - Volts
0.4
0.6
0.8
1.0
1.2
0
20
40
60
80
100
T
J=125
OC
T
J=25
OC
Gate Charge - nC
0
50
100
150
200
250
0
2
4
6
8
10
12
14
F = 1MHz
V
GS= 0V
T
J=25
OC
Vds=300V
I
D=16A
I
G=10mA
F = 1MHz
Ciss
Coss
Crss
Figure 7. Gate Charge
Figure 8. Capacitance Curves
Figure 9. Forward Voltage Drop of the
Intrinsic Diode
Figure 10. Transient Thermal Resistance
IXFK 32N50Q
IXFX 32N50Q



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com