Electronic Components Datasheet Search
  English  ▼

X  

CFS0303-SB Datasheet(PDF) 13 Page - Mimix Broadband

Part # CFS0303-SB
Description  0.1-10.0 GHz Low Noise, Medium Power
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CFS0303-SB Datasheet(HTML) 13 Page - Mimix Broadband

Back Button CFS0303-SB Datasheet HTML 9Page - Mimix Broadband CFS0303-SB Datasheet HTML 10Page - Mimix Broadband CFS0303-SB Datasheet HTML 11Page - Mimix Broadband CFS0303-SB Datasheet HTML 12Page - Mimix Broadband CFS0303-SB Datasheet HTML 13Page - Mimix Broadband CFS0303-SB Datasheet HTML 14Page - Mimix Broadband CFS0303-SB Datasheet HTML 15Page - Mimix Broadband CFS0303-SB Datasheet HTML 16Page - Mimix Broadband CFS0303-SB Datasheet HTML 17Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
0.1-10.0 GHz Low Noise, Medium Power
pHEMT in a Surface Mount Plastic Package
Page 13 of 17
CFS0303-SB
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2008 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
May 2008 - Rev 02-May-08
Typical Scattering Parameters (Vds = +3.0V, Ids = 60 mA) (cont.)
Frequency
S11
S21
S12
S22
MSG/MAG
(GHz)
(Mag)
(Ang)
(dB)
(Mag)
(Ang)
(dB)
(Mag)
(Ang)
(Mag)
(Ang)
(dB)
14.00
0.61
19.00
2.34
1.31
-94.40
-10.86
0.29
-84.28
0.42
22.09
4.96
14.25
0.62
15.58
2.03
1.26
-97.49
-10.95
0.28
-86.85
0.42
22.10
4.79
14.50
0.62
12.68
1.89
1.24
-101.07
-10.89
0.29
-89.99
0.43
14.80
4.54
14.75
0.63
6.84
1.65
1.21
-105.14
-10.94
0.28
-93.58
0.43
13.77
4.37
15.00
0.63
5.41
1.44
1.18
-108.31
-10.97
0.28
-96.33
0.44
5.94
4.15
15.25
0.63
-0.01
1.25
1.15
-111.84
-10.96
0.28
-99.44
0.44
6.38
3.97
15.50
0.65
-3.15
1.00
1.12
-115.82
-11.04
0.28
-102.99
0.46
-1.82
3.82
15.75
0.64
-6.53
0.82
1.10
-118.34
-11.04
0.28
-105.04
0.45
-0.47
3.64
16.00
0.66
-11.51
0.57
1.07
-122.87
-11.11
0.28
-109.19
0.48
-8.59
3.48
16.25
0.66
-13.62
0.38
1.04
-125.11
-11.16
0.28
-111.03
0.48
-7.69
3.37
16.50
0.66
-18.13
0.14
1.02
-129.34
-11.23
0.27
-114.80
0.50
-15.87
3.13
16.75
0.68
-21.39
-0.09
0.99
-132.05
-11.28
0.27
-117.09
0.50
-14.91
3.12
17.00
0.68
-23.77
-0.30
0.97
-135.22
-11.35
0.27
-119.96
0.51
-21.71
2.85
17.25
0.69
-28.11
-0.50
0.94
-138.52
-11.39
0.27
-122.88
0.52
-21.20
2.90
17.50
0.70
-29.70
-0.76
0.92
-141.43
-11.52
0.27
-125.43
0.53
-27.59
2.68
17.75
0.70
-33.64
-0.89
0.90
-144.36
-11.51
0.27
-127.92
0.54
-26.52
2.67
18.00
0.71
-35.60
-1.18
0.87
-147.45
-11.63
0.26
-130.64
0.55
-32.77
2.52
S-Parameter Data Files are available on-line at: www.mimixbroadband.com
Freq.
NFmin
Gamma Opt
Rn
Ga
GHz
db
Mag.
Ang.
db
1.0
0.19
0.73
37.02
10.82
21.05
2.0
0.26
0.56
50.99
5.04
15.81
3.0
0.34
0.36
84.39
5.60
14.08
4.0
0.41
0.31
124.27
3.63
12.33
5.0
0.49
0.30
160.12
2.90
11.17
6.0
0.56
0.34
-169.10
2.40
9.75
7.0
0.64
0.36
-140.08
3.55
8.84
8.0
0.71
0.33
-114.70
6.00
7.97
9.0
0.78
0.47
-102.15
7.49
7.47
10.0
0.86
0.43
-83.89
9.19
6.76
CFS0303-SB Typical Noise Parameters
(Vds = +3.0V, Ids = 60 mA)
MSG.MAG and |S
21|
2 vs. Frequency at 3V, 60mA
Frequency (GHz)
S21
MSG/MAG
30.00
25.00
20.00
15.00
10.00
5.00
0.00
-5.00
0.50
3.50
6.50
9.50
12.50
15.50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com