Electronic Components Datasheet Search
  English  ▼

X  

IXFN20N120 Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXFN20N120
Description  HiPerFET Power MOSFETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFN20N120 Datasheet(HTML) 3 Page - IXYS Corporation

  IXFN20N120 Datasheet HTML 1Page - IXYS Corporation IXFN20N120 Datasheet HTML 2Page - IXYS Corporation IXFN20N120 Datasheet HTML 3Page - IXYS Corporation IXFN20N120 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
© 2003 IXYS All rights reserved
IXFN 20N120
Fig. 1. Output Characteristics
@ 25 deg. C
0
5
10
15
20
25
30
35
0
5
10
15
20
25
30
V
D S - V olts
VGS = 10V
6V
4V
5V
Fig. 2. Output Characteristics
@ 125 Deg. C
0
2
4
6
8
10
12
14
16
18
20
22
0
5
10
15
20
25
30
35
40
V
D S - V olts
V
GS = 10V
5V
4V
Fig. 3. R
DS(on) Norm alize d to ID25 V alue vs .
Junction Tem perature
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
-50
-25
0
25
50
75
100
125
150
T
J - Degrees Centigrade
ID = 20A
I
D = 10A
VGS = 10V
Fig. 6. Input Adm ittance
0
5
10
15
20
25
30
33.5
4
4.5
55.5
V
G S - V olts
T
J = 125ºC
25ºC
-40ºC
Fig. 5. Drain Current vs. Case
Tem perature
0
2
4
6
8
10
12
14
16
18
20
22
24
-50
-25
0
25
50
75
100
125
150
T
C - Degrees Centigrade
Fig. 4. R
DS(on) Norm alize d to ID25
Value vs. I
D
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
0
5
10
15
20
25
30
35
I
D - Amperes
T
J = 125ºC
T
J = 25ºC
VGS = 10V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com