Electronic Components Datasheet Search
  English  ▼

X  

IXFN280N07 Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXFN280N07
Description  HiPerFET Power MOSFETs Single Die MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFN280N07 Datasheet(HTML) 3 Page - IXYS Corporation

  IXFN280N07_08 Datasheet HTML 1Page - IXYS Corporation IXFN280N07_08 Datasheet HTML 2Page - IXYS Corporation IXFN280N07_08 Datasheet HTML 3Page - IXYS Corporation IXFN280N07_08 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
© 2008 IXYS Corporation, All rights reserved
IXFN280N07
Fig. 1. Extended Output Characteristics
@ 25ºC
0
50
100
150
200
250
300
350
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
VDS - Volts
VGS = 15V
10V
9V
5V
6V
7V
8V
Fig. 2. Output Characteristics
@ 125ºC
0
40
80
120
160
200
240
280
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
VDS - Volts
VGS = 15V
10V
9V
8V
5V
6V
7V
Fig. 4. RDS(on) Normalized to ID = 140A Value
vs. Junction Temperature
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
-50
-25
0
25
50
75
100
125
150
TJ - Degrees Centigrade
VGS = 10V
I D = 280A
I D = 140A
Fig. 3. RDS(on) Normalized to ID = 140A Value
vs.Drain Current
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
0
50
100
150
200
250
300
350
ID - Amperes
VGS = 10V
15V
- - - -
TJ = 125ºC
TJ = 25ºC
Fig. 5. Maximum Drain Current vs.
Case Temperature
0
10
20
30
40
50
60
70
80
90
100
110
120
-50
-25
0
25
50
75
100
125
150
TC - Degrees Centigrade
External-Lead Current Limit
Fig. 6. Forward Voltage Drop of
Intrinsic Diode
0
30
60
90
120
150
180
210
240
270
300
330
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
VSD - Volts
TJ = 125ºC
TJ = 25ºC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com