Electronic Components Datasheet Search
  English  ▼

X  

IXFN300N10P Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXFN300N10P
Description  Polar Power MOSFET HiPerFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFN300N10P Datasheet(HTML) 1 Page - IXYS Corporation

  IXFN300N10P Datasheet HTML 1Page - IXYS Corporation IXFN300N10P Datasheet HTML 2Page - IXYS Corporation IXFN300N10P Datasheet HTML 3Page - IXYS Corporation IXFN300N10P Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2008 IXYS CORPORATION, All rights reserved
DS100016(07/08)
PolarTM Power MOSFET
HiPerFETTM
N-Channel Enhancement Mode
Avalanche Rated
Fast Intrinsic Diode
IXFN300N10P
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0V, ID = 3mA
100
V
V
GS(th)
V
DS = VGS, ID = 8mA
3.0
5.0
V
I
GSS
V
GS = ±20V, VDS = 0V
±200
nA
I
DSS
V
DS = VDSS
25
μA
V
GS = 0V
T
J = 150°C
1.5
mA
R
DS(on)
V
GS = 10V, ID = 50A, Note 1
5.5
m
Ω
V
DSS
= 100V
I
D25
= 295A
R
DS(on)
≤≤≤≤≤ 5.5mΩ
Ω
Ω
Ω
Ω
t
rr
≤≤≤≤≤ 200ns
S
G
S
D
miniBLOC, SOT-227 B
E153432
G = Gate
D = Drain
S = Source
Either Source terminal at miniBLOC can be used
as Main or Kelvin Source
Preliminary Technical Information
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 175°C
100
V
V
DGR
T
J
= 25
°C to 175°C, R
GS = 1MΩ
100
V
V
GSS
Continuous
±20
V
V
GSM
Transient
± 30
V
I
D25
T
C = 25°C
295
A
I
LRMS
External lead current limit
100
A
I
DM
T
C = 25°C, pulse width limited by TJM
900
A
I
A
T
C = 25°C
100
A
E
AS
T
C = 25°C3
J
dV/dt
I
S
≤ I
DM, VDD ≤ VDSS,TJ ≤ 175°C
20
V/ns
P
D
T
C = 25°C
1070
W
T
J
-55 ... +175
°C
T
JM
175
°C
T
stg
-55 ... +175
°C
T
L
1.6mm (0.062 in.) from case for 10s
300
°C
V
ISOL
50/60 Hz, RMS
t = 1min
2500
V~
I
ISOL ≤ 1mA
t = 1s
3000
V~
M
d
Mounting torque
1.5/13
Nm/lb.in.
Terminal connection torque
1.3/11.5
Nm/lb.in.
Weight
30
g
Features
• Fast intrinsic diode
• Avalanche Rated
• Low R
DS(ON)
and Q
G
• Low package inductance
High current capability
Isolation voltage 3000 V~
International standard package
Advantages
Easy to mount
Space savings
High power density
Low gate drive requirement
Applications
• DC-DC coverters
• Battery chargers
• Switched-mode and resonant-mode
power supplies
• DC choppers
• AC and DC motor drives
• Uninterrupted power supplies
• High speed power switching
applications


Similar Part No. - IXFN300N10P

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFN300N10P IXYS-IXFN300N10P Datasheet
128Kb / 5P
Power MOSFET
IXFN300N10P IXYS-IXFN300N10P_V01 Datasheet
128Kb / 5P
Power MOSFET
More results

Similar Description - IXFN300N10P

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFH18N90P IXYS-IXFH18N90P Datasheet
203Kb / 5P
Polar Power MOSFET HiPerFET
IXFH24N90P IXYS-IXFH24N90P Datasheet
128Kb / 4P
Polar Power MOSFET HiPerFET
IXFK40N90P IXYS-IXFK40N90P Datasheet
124Kb / 4P
Polar Power MOSFET HiPerFET
IXFA12N50P IXYS-IXFA12N50P Datasheet
150Kb / 5P
Polar Power MOSFET HiperFET
IXFH170N10P IXYS-IXFH170N10P Datasheet
146Kb / 5P
Polar HiperFET Power MOSFET
IXFB30N120P IXYS-IXFB30N120P Datasheet
147Kb / 5P
Polar HiPerFET Power MOSFET
IXFK30N110P IXYS-IXFK30N110P Datasheet
121Kb / 4P
Polar Power MOSFET HiPerFET
IXFK32N100P IXYS-IXFK32N100P Datasheet
124Kb / 4P
Polar Power MOSFET HiPerFET
IXFN30N120P IXYS-IXFN30N120P Datasheet
114Kb / 4P
Polar Power MOSFET HiPerFET
IXFN40N110P IXYS-IXFN40N110P Datasheet
116Kb / 4P
Polar Power MOSFET HiPerFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com