Electronic Components Datasheet Search
  English  ▼

X  

IXFP3N50PM Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXFP3N50PM
Description  PolarHV HiPerFET Power MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFP3N50PM Datasheet(HTML) 1 Page - IXYS Corporation

  IXFP3N50PM Datasheet HTML 1Page - IXYS Corporation IXFP3N50PM Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2006 IXYS All rights reserved
DS99509E(04/06)
Symbol
Test Conditions
Characteristic Values
(T
J = 25° C, unless otherwise specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0 V, ID = 250 µA
500
V
V
GS(th)
V
DS = VGS, ID = 250 µA
3.0
5.5
V
I
GSS
V
GS = ±30 VDC, VDS = 0
±100
nA
I
DSS
V
DS = VDSS
5
µA
V
GS = 0 V
T
J = 125° C
200
µA
R
DS(on)
V
GS = 10 V, ID = 1.8 A
2.0
Ω
Note 1
PolarHVTM HiPerFET
Power MOSFET
N-Channel Enhancement Mode
Avalanche Rated
Fast Intrinsic Diode
IXFP 3N50PM
V
DSS
= 500 V
I
D25
= 2.7 A
R
DS(on) ≤
≤≤≤≤ 2.0 Ω
Ω
Ω
Ω
Ω
t
rr
≤≤≤≤≤ 200 ns
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
° C to 150° C
500
V
V
DGR
T
J
= 25
° C to 150° C; R
GS = 1 MΩ
500
V
V
GSS
Continuous
± 30
V
V
GSM
Transient
± 40
V
I
D25
T
C = 25° C
2.7
A
I
DM
T
C = 25° C, pulse width limited by TJM
8A
I
AR
T
C = 25° C3
A
E
AR
T
C = 25° C10
mJ
E
AS
T
C = 25° C
100
mJ
dv/dt
I
S
≤I
DM, di/dt ≤100 A/µs, VDD ≤VDSS,
10
V/ns
T
J
≤150° C, R
G = 50 Ω
P
D
T
C = 25° C36
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
1.6 mm (0.062 in.) from case for 10 s
300
°C
T
SOLD
Plastic body for 10 s
260
°C
M
d
Mounting torque
1.13/10 Nm/lb.in.
Weight
4g
G = Gate
D = Drain
S = Source
Features
l Plastic overmolded tab for electrical
isolation
l Fast intrinsic diode
l International standard package
l Unclamped Inductive Switching (UIS)
rated
l Low package inductance
- easy to drive and to protect
Advantages
l
Easy to mount
l
Space savings
l
High power density
OVERMOLDED TO-220
(IXTP...M) OUTLINE
G
D S
Isolated Tab
(Electrically Isolated Tab)
Preliminary Technical Information


Similar Part No. - IXFP3N50PM

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXFP3N50 ISC-IXFP3N50 Datasheet
277Kb / 2P
isc N-Channel MOSFET Transistor
2023-8-26
More results

Similar Description - IXFP3N50PM

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFC30N60P IXYS-IXFC30N60P Datasheet
141Kb / 4P
PolarHV HiPerFET Power MOSFET
IXFC36N50P IXYS-IXFC36N50P Datasheet
254Kb / 5P
PolarHV HiPerFET Power MOSFET
IXFH20N80P IXYS-IXFH20N80P Datasheet
331Kb / 5P
PolarHV HiPerFET Power MOSFET
IXFH44N50P IXYS-IXFH44N50P Datasheet
301Kb / 5P
PolarHV HiPerFET Power MOSFET
IXFN48N60P IXYS-IXFN48N60P Datasheet
90Kb / 4P
PolarHV HiPerFET Power MOSFET
IXFN80N50P IXYS-IXFN80N50P Datasheet
162Kb / 5P
PolarHV HiPerFET Power MOSFET
IXFN82N60P IXYS-IXFN82N60P Datasheet
158Kb / 5P
PolarHV HiPerFET Power MOSFET
IXFN100N50P IXYS-IXFN100N50P Datasheet
158Kb / 5P
PolarHV HiPerFET Power MOSFET
IXFA16N50P IXYS-IXFA16N50P Datasheet
221Kb / 4P
PolarHV HiperFET Power MOSFET
IXFI7N80P IXYS-IXFI7N80P Datasheet
146Kb / 4P
PolarHV HiPerFET Power MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com