Electronic Components Datasheet Search
  English  ▼

X  

IXFR10N100Q Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXFR10N100Q
Description  HiPerFET Power MOSFETs ISOPLUS247 Q CLASS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFR10N100Q Datasheet(HTML) 1 Page - IXYS Corporation

  IXFR10N100Q Datasheet HTML 1Page - IXYS Corporation IXFR10N100Q Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2002 IXYS All rights reserved
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 150°C
1000
V
V
DGR
T
J
= 25
°C to 150°C; R
GS = 1 MΩ
1000
V
V
GS
Continuous
±20
V
V
GSM
Transient
±30
V
I
D25
T
C
= 25
°C
12N100
10
A
10N100
9
A
I
DM
T
C
= 25
°C, Pulse width limited by T
JM
12N100
48
A
10N100
40
A
I
AR
T
C
= 25
°C
12N100
12
A
10N100
10
A
E
AR
T
C
= 25
°C30
mJ
dv/dt
I
S
≤ I
DM, di/dt ≤ 100 A/µs, VDD ≤ VDSS
5
V/ns
T
J
≤ 150°C, R
G = 2 Ω
P
D
T
C
= 25
°C
250
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
1.6 mm (0.063 in.) from case for 10 s
300
°C
V
ISOL
50/60 Hz, RMS
t = 1 min
2500
V~
Weight
5
g
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
V
DSS
V
GS = 0 V, ID = 3mA
1000
V
V
GS(th)
V
DS = VGS, ID = 4mA
2.5
5.5
V
I
GSS
V
GS = ±20 VDC, VDS = 0
±100
nA
I
DSS
V
DS = 0.8•VDSS
T
J
= 25
°C50
µA
V
GS = 0 V
T
J
= 125
°C
1
mA
R
DS(on)
V
GS = 10 V, ID = IT
12N100
1.1
Ω
Notes 1 & 2
10N100
1.2
Ω
DS98589-B (10/02)
ISOPLUS 247TM
Features
● Silicon chip on Direct-Copper-Bond
substrate
- High power dissipation
- Isolated mounting surface
- 2500V electrical isolation
● Low drain to tab capacitance(<50pF)
● Low R
DS (on) HDMOS
TM process
● Rugged polysilicon gate cell structure
● Unclamped Inductive Switching (UIS)
rated
● Fast intrinsic Rectifier
Applications
● DC-DC converters
● Battery chargers
● Switched-mode and resonant-mode
power supplies
● DC choppers
● AC motor control
Advantages
● Easy assembly
● Space savings
● High power density
G = Gate
D = Drain
S = Source
* Patent pending
Isolated back surface*
V
DSS
I
D25
R
DS(on)
IXFR 12N100Q 1000 V
10 A
1.1
Ω
Ω
Ω
Ω
Ω
IXFR 10N100Q 1000 V
9 A
1.20
Ω
Ω
Ω
Ω
Ω
t
rr ≤
≤≤≤≤ 300 µµµµµs
HiPerFETTM Power MOSFETs
ISOPLUS247TM Q CLASS
(Electrically Isolated Back Surface)
N-Channel Enhancement Mode
Avalanche Rated, High dV/dt
Low Gate Charge and Capacitances


Similar Part No. - IXFR10N100Q

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFR10N100Q IXYS-IXFR10N100Q Datasheet
33Kb / 2P
N-Channel Enhancement Mode Avalanche Rated, High dV/dt Low Gate Charge and Capacitances
More results

Similar Description - IXFR10N100Q

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFR30N50 IXYS-IXFR30N50 Datasheet
92Kb / 4P
HiPerFET Power MOSFETs ISOPLUS247
IXFR44N50Q IXYS-IXFR44N50Q Datasheet
58Kb / 2P
HiPerFET Power MOSFETs ISOPLUS247 Q-Class
IXFR100N25 IXYS-IXFR100N25 Datasheet
81Kb / 2P
HiPerFET Power MOSFETs ISOPLUS247
IXFR15N80Q IXYS-IXFR15N80Q Datasheet
35Kb / 2P
HiPerFET Power MOSFETs ISOPLUS247 Q Class
IXFG55N50 IXYS-IXFG55N50 Datasheet
100Kb / 2P
HiPerFET Power MOSFETs ISOPLUS247
IXFR32N50Q IXYS-IXFR32N50Q_04 Datasheet
558Kb / 4P
HiPerFET Power MOSFETs ISOPLUS247
IXFR44N50Q IXYS-IXFR44N50Q_03 Datasheet
540Kb / 4P
HiPerFET Power MOSFETs ISOPLUS247, Q-Class
IXFR58N20Q IXYS-IXFR58N20Q Datasheet
96Kb / 2P
HiPerFET Power MOSFETs ISOPLUS247 Q-Class
IXFR80N20Q IXYS-IXFR80N20Q Datasheet
39Kb / 2P
HiPerFET Power MOSFETs ISOPLUS247, Q-Class
IXFR180N07 IXYS-IXFR180N07 Datasheet
37Kb / 2P
HiPerFET Power MOSFETs ISOPLUS247
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com