Electronic Components Datasheet Search
  English  ▼

X  

CMM1100-QF Datasheet(PDF) 2 Page - Mimix Broadband

Part # CMM1100-QF
Description  2.0-18.0 GHz GaAs MMIC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CMM1100-QF Datasheet(HTML) 2 Page - Mimix Broadband

  CMM1100-QF Datasheet HTML 1Page - Mimix Broadband CMM1100-QF Datasheet HTML 2Page - Mimix Broadband CMM1100-QF Datasheet HTML 3Page - Mimix Broadband CMM1100-QF Datasheet HTML 4Page - Mimix Broadband CMM1100-QF Datasheet HTML 5Page - Mimix Broadband CMM1100-QF Datasheet HTML 6Page - Mimix Broadband CMM1100-QF Datasheet HTML 7Page - Mimix Broadband CMM1100-QF Datasheet HTML 8Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Low Noise Amplifier Measurements
Page 2 of 8
2.0-18.0 GHz GaAs MMIC
Low Noise Amplifier, QFN
CMM1100-QF
CMM1100-QF, Vd=5.0V, Id=105 mA
10
11
12
13
14
15
16
17
18
19
20
1.0
3.0
5.0
7.0
9.0
11.0
13.0
15.0
17.0
19.0
21.0
Frequency (GHz)
-40 Deg C
+25 Deg C
+85 Deg C
*Includes fixture losses
CMM1100-QF, Vd=6.0V, Id=105 mA
10
11
12
13
14
15
16
17
18
19
20
1.0
3.0
5.0
7.0
9.0
11.0
13.0
15.0
17.0
19.0
21.0
Frequency (GHz)
-40 Deg C
+25 Deg C
+85 Deg C
CMM1100-QF, Vd=7.0V, Id=105 mA
10
11
12
13
14
15
16
17
18
19
20
1.0
3.0
5.0
7.0
9.0
11.0
13.0
15.0
17.0
19.0
21.0
Frequency (GHz)
-40 Deg C
+25 Deg C
+85 Deg C
*Includes fixture losses
CMM1100-QF, Vd=5.0V, Id=105 mA
-70
-60
-50
-40
-30
-20
-10
0
1.0
3.0
5.0
7.0
9.0
11.0
13.0
15.0
17.0
19.0
21.0
Frequency (GHz)
-40 Deg C
+25 Deg C
+85 Deg C
*Includes fixture losses
CMM1100-QF, Vd=6.0V, Id=105 mA
-70
-60
-50
-40
-30
-20
-10
0
1.0
3.0
5.0
7.0
9.0
11.0
13.0
15.0
17.0
19.0
21.0
Frequency (GHz)
-40 Deg C
+25 Deg C
+85 Deg C
*Includes fixture losses
CMM1100-QF, Vd=7.0V, Id=105 mA
-70
-60
-50
-40
-30
-20
-10
0
1.0
3.0
5.0
7.0
9.0
11.0
13.0
15.0
17.0
19.0
21.0
Frequency (GHz)
-40 Deg C
+25 Deg C
+85 Deg C
*Includes fixture losses
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2009 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
August 2009 - Rev 29-Aug-09



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com