Electronic Components Datasheet Search
  English  ▼

X  

XD1001 Datasheet(PDF) 2 Page - Mimix Broadband

Part # XD1001
Description  18.0-50.0 GHz GaAs MMIC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XD1001 Datasheet(HTML) 2 Page - Mimix Broadband

  XD1001 Datasheet HTML 1Page - Mimix Broadband XD1001 Datasheet HTML 2Page - Mimix Broadband XD1001 Datasheet HTML 3Page - Mimix Broadband XD1001 Datasheet HTML 4Page - Mimix Broadband XD1001 Datasheet HTML 5Page - Mimix Broadband XD1001 Datasheet HTML 6Page - Mimix Broadband XD1001 Datasheet HTML 7Page - Mimix Broadband XD1001 Datasheet HTML 8Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Distributed Amplifier Measurements (On-Wafer1)
Page 2 of 8
18.0-50.0 GHz GaAs MMIC
Distributed Amplifier
D1001-BD
January 2010 - Rev 11-Jan-10
Mimix Broadband, Inc., 10795 Rockley Rd., Houston,Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice. ©2010 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
Note [1] Measurements – On-Wafer data has been taken using bias conditions as shown. Measurements are referenced 150 um in from RF In/Out
pad edge. For optimum performance Mimix T-pad transition is recommended. For additional information see the Mimix “T-Pad Transition” application
note.
XD1001-BD, Vd=5.0 V, Id=150 mA (4631 Devices)
18
19
20
21
22
12
13
14
15
16
17
18.0 20.0 22.0 24.0 26.0 28.0 30.0 32.0 34.0 36.0 38.0 40.0 42.0 44.0 46.0 48.0 50.0
Frequency (GHz)
Max
Median
Mean
-3sigma
XD1001-BD, Vd=5.0 V, Id=150 mA (5039 Devices)
-30
-20
-10
0
-70
-60
-50
-40
18.0 20.0 22.0 24.0 26.0 28.0 30.0 32.0 34.0 36.0 38.0 40.0 42.0 44.0 46.0 48.0 50.0
Frequency (GHz)
Max
Median
Mean
-3sigma
XD1001-BD, Vd=5.0 V, Id=150 mA (4786 Devices)
-10
-5
0
-25
-20
-15
18.0 20.0 22.0 24.0 26.0 28.0 30.0 32.0 34.0 36.0 38.0 40.0 42.0 44.0 46.0 48.0 50.0
Frequency (GHz)
Max
Median
Mean
-3sigma
g
XD1001-BD, Vd=5.0 V, Id=150 mA (4751 Devices)
-20
-15
-10
-5
0
-45
-40
-35
-30
-25
18.0 20.0 22.0 24.0 26.0 28.0 30.0 32.0 34.0 36.0 38.0 40.0 42.0 44.0 46.0 48.0 50.0
Frequency (GHz)
Max
Median
Mean
-3sigma
g
XD1001-BD, Vd=5.0 V, Id=150 mA (~35 Devices)
14
15
16
17
18
19
20
10
11
12
13
14
18.0 20.0 22.0 24.0 26.0 28.0 30.0 32.0 34.0 36.0 38.0 40.0 42.0 44.0 46.0 48.0 50.0
Frequency (GHz)
Max
Median
Mean
-3sigma
XD1001-BD, Vd=5.0 V, Id=150 mA (~35 Devices)
5.0
5.5
6.0
6.5
7.0
3.0
3.5
4.0
4.5
18.0 19.0 20.0 21.0 22.0 23.0 24.0 25.0 26.0 27.0 28.0 29.0 30.0
Frequency (GHz)
Max
Median
Mean
Min



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com