Electronic Components Datasheet Search
  English  ▼

X  

XL1000-BD Datasheet(PDF) 2 Page - Mimix Broadband

Part # XL1000-BD
Description  20.0-40.0 GHz GaAs MMIC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XL1000-BD Datasheet(HTML) 2 Page - Mimix Broadband

  XL1000-BD Datasheet HTML 1Page - Mimix Broadband XL1000-BD Datasheet HTML 2Page - Mimix Broadband XL1000-BD Datasheet HTML 3Page - Mimix Broadband XL1000-BD Datasheet HTML 4Page - Mimix Broadband XL1000-BD Datasheet HTML 5Page - Mimix Broadband XL1000-BD Datasheet HTML 6Page - Mimix Broadband XL1000-BD Datasheet HTML 7Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
20.0-40.0 GHz GaAs MMIC
Low Noise Amplifier
Page 2 of 7
Low Noise Amplifier Measurements (On-Wafer1)
L1000-BD
Mimix Broadband, Inc., 10795 Rockley Rd., Houston,Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice. ©2010 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
January 2010 - Rev 18-Jan-10
Note [1] Measurements – On-Wafer data has been taken using bias conditions as shown. Measurements are referenced 150 um in from RF In/Out
pad edge. For optimum performance Mimix T-pad transition is recommended. For additional information see the Mimix “T-Pad Transition” application
note.
XL1000-BD, Vd=3.0 V, Id=35 mA (~1000 devices)
16
18
20
22
24
26
6
8
10
12
14
16
18.0
20.0
22.0
24.0
26.0
28.0
30.0
32.0
34.0
36.0
38.0
40.0
Frequency (GHz)
Max
Median
Mean
Min
XL1000-BD, Vd=3.0 V, Id=35 mA (~1000 devices)
40
-30
-20
-10
0
-80
-70
-60
-50
-40
18.0
20.0
22.0
24.0
26.0
28.0
30.0
32.0
34.0
36.0
38.0
40.0
Frequency (GHz)
Max
Median
Mean
-3sigma
XL1000-BD, Vd=3.0 V, Id=35 mA (~1000 devices)
-15
-10
-5
0
-35
-30
-25
-20
18.0
20.0
22.0
24.0
26.0
28.0
30.0
32.0
34.0
36.0
38.0
40.0
Frequency (GHz)
Max
Median
Mean
-3sigma
XL1000-BD, Vd=3.0 V, Id=35 mA (~1000 devices)
-15
-10
-5
0
-30
-25
-20
18.0
20.0
22.0
24.0
26.0
28.0
30.0
32.0
34.0
36.0
38.0
40.0
Frequency (GHz)
Max
Median
Mean
-3sigma
XL1000-BD, Vd=3.0 V, Id=50 mA (~130 devices)
7 0
8.0
9.0
10.0
11.0
12.0
13.0
3.0
4.0
5.0
6.0
7.0
18.0
20.0
22.0
24.0
26.0
28.0
30.0
32.0
34.0
36.0
38.0
40.0
Frequency (GHz)
Max
Median
Mean
-3sigma
XL1000-BD, Vd=3.0 V (18,935 devices)
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0.0
0.5
1.0
1.5
2.0
20.0
22.0
24.0
26.0
28.0
30.0
32.0
34.0
36.0
38.0
40.0
Frequency (GHz)
Max
Median
Mean
Min



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com