Electronic Components Datasheet Search
  English  ▼

X  

FMP26-02P Datasheet(PDF) 2 Page - IXYS Corporation

Part # FMP26-02P
Description  Polar P & N-Channel Power MOSFET Common Drain Topology
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

FMP26-02P Datasheet(HTML) 2 Page - IXYS Corporation

  FMP26-02P Datasheet HTML 1Page - IXYS Corporation FMP26-02P Datasheet HTML 2Page - IXYS Corporation FMP26-02P Datasheet HTML 3Page - IXYS Corporation FMP26-02P Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ΙΞΨΣρεσερϖεστηεριγηττοχηανγελιμιτσ,τεστχονδιτιονσ,ανδδιμενσιονσ.
FMP26-02P
ISOPLUS i4-PakTM Outline
Ref: IXYS CO 0077 R0
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2
7,157,338B2
by one or more of the following U.S. patents: 4,850,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405 B2 6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2 7,071,537
Symbol
Test Conditions2
Characteristic Values
(T
J = 25°C unless otherwise specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0V, ID = - 250μA
- 200
V
V
GS(th)
V
DS = VGS, ID = - 250μA
- 2.5
- 4.5
V
I
GSS
V
GS = ±20 V, VDS = 0V
± 100 nA
I
DSS
V
DS = VDSS, VGS = 0V
-10
μA
T
J = 125°C
- 150
μA
R
DS(on)
V
GS = -10V, ID = -13A, Note 1
170 m
Ω
g
fs
V
DS = -10V, ID = -13A, Note 1
10
17
S
C
iss
2740
pF
C
oss
V
GS = 0V, VDS = - 25 V, f = 1 MHz
540
pF
C
rss
100
pF
t
d(on)
Resistive Switching Times
18
ns
t
r
V
GS = -10V, VDS = 0.5
V
DSS, ID = -13A
33
ns
t
d(off)
R
G = 3.3Ω (External)
46
ns
t
f
21
ns
Q
g(on)
56
nC
Q
gs
V
GS= -10V, VDS = 0.5
V
DSS, ID = -13A
18
nC
Q
gd
20
nC
R
thJC
1.0
°C/W
R
thCS
0.15
°C/W
Drain-Source Diode
Characteristic Values
(T
J = 25°C unless otherwise specified)
Symbol
Test Conditions2
Min.
Typ.
Max.
I
S
V
GS = 0V
- 17
A
I
SM
Repetitive, pulse width limited by T
JM
-104
A
V
SD
I
F = -13A, VGS = 0 V, Note 1
- 3.2
V
t
rr
I
F = -13A, di/dt = 100 A/μs
240
ns
Q
RM
V
R = -100V, VGS = 0V
2.2
μC
I
RM
-18
A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com