Electronic Components Datasheet Search
  English  ▼

X  

FMP76-010T Datasheet(PDF) 1 Page - IXYS Corporation

Part # FMP76-010T
Description  Trench P & N-Channel Power MOSFET Common Drain Topology
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

FMP76-010T Datasheet(HTML) 1 Page - IXYS Corporation

  FMP76-010T Datasheet HTML 1Page - IXYS Corporation FMP76-010T Datasheet HTML 2Page - IXYS Corporation FMP76-010T Datasheet HTML 3Page - IXYS Corporation FMP76-010T Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2008 IXYS CORPORATION, All rights reserved
TrenchTM P & N-Channel
Power MOSFET
Common Drain Topology
DS100037(09/08)
Symbol
Test Conditions
Characteristic Values
Min.
Typ.
Max.
C
P
Coupling capacitance between shorted
40
pF
pins and mounting tab in the case
d
S ,dA
pin - pin
1.7
mm
d
S ,dA
pin - backside metal
5.5
mm
Weight
9
g
FMP76-010T
Features
Silicon chip on Direct-Copper Bond
(DCB) substrate
- UL recognized package
- Isolated mounting surface
- 2500V electrical isolation
Avalanche rated
Low Q
G
Low Drain-to-Tab capacitance
Low package inductance
Advantages
Low gate drive requirement
High power density
Low drain to ground capacitance
Fast switching
Applications
DC and AC motor drives
Class AB audio amplifiers
Multi-phase DC to DC converters
Industrial battery chargers
Switching power supplies
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 150°C
- 100
V
V
DGR
T
J
= 25
°C to 150°C, R
GS = 1MΩ
- 100
V
V
GSS
Continuous
± 20
V
V
GSM
Transient
± 30
V
I
D25
T
C = 25°C
- 54
A
I
DM
T
C = 25°C, pulse width limited by TJM
- 230
A
I
A
T
C = 25°C
- 38
A
E
AS
T
C = 25°C
1.0
J
P
D
T
C = 25°C
132
W
P - CHANNEL
Advance Technical Information
Symbol
Test Conditions
Maximum Ratings
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
V
ISOLD
50/60H
Z, RMS, t = 1min, leads-to-tab
2500
~V
T
L
1.6mm (0.062 in.) from case for 10s
300
°C
T
SOLD
Plastic body for 10s
260
°C
F
C
Mounting force
20..120 / 4.5..27
N/lb.
P CH.
N CH.
V
DSS
- 100V
100V
I
D25
- 54A
62A
R
DS(on)
24m
Ω
Ω
Ω
Ω
Ω
11m
Ω
Ω
Ω
Ω
Ω
t
rr(typ)
70ns
67ns
T2
3
5
4
1
2
T1
2
3
4
5
1
ISOPLUS i4-PakTM
1
5
Isolated Tab


Similar Part No. - FMP76-010T

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
FMP76-01T IXYS-FMP76-01T Datasheet
112Kb / 4P
TrenchTM P & N-Channel Power MOSFET Common Drain Topology
More results

Similar Description - FMP76-010T

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
FMP26-02P IXYS-FMP26-02P Datasheet
111Kb / 4P
Polar P & N-Channel Power MOSFET Common Drain Topology
FMP36-015P IXYS-FMP36-015P Datasheet
107Kb / 4P
Polar P & N-Channel Power MOSFETs Common Drain Topology
logo
MagnaChip Semiconductor...
MDA0336E MGCHIP-MDA0336E Datasheet
673Kb / 5P
Common-Drain N-Channel Trench MOSFET 30V, 9A, 9.5m(ohm)
MDCA0418E MGCHIP-MDCA0418E Datasheet
653Kb / 6P
Common-Drain N-Channel Trench MOSFET 24V, 7A, 20m(ohm)
logo
IXYS Corporation
FMP76-01T IXYS-FMP76-01T Datasheet
112Kb / 4P
TrenchTM P & N-Channel Power MOSFET Common Drain Topology
logo
NIKO SEMICONDUCTOR CO.,...
PQ5G4JN NIKOSEM-PQ5G4JN Datasheet
173Kb / 4P
Common Drain N-Channel Power MOSFET
PQ5K6JN NIKOSEM-PQ5K6JN Datasheet
839Kb / 9P
Common Drain N-Channel Power MOSFET
PQ5K8JN NIKOSEM-PQ5K8JN Datasheet
650Kb / 9P
Common Drain N-Channel Power MOSFET
PQ5L2JN NIKOSEM-PQ5L2JN Datasheet
236Kb / 4P
Common Drain N-Channel Power MOSFET
logo
Nexperia B.V. All right...
PMCM650CUNE NEXPERIA-PMCM650CUNE Datasheet
404Kb / 18P
20 V, Common Drain N-channel Trench MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com